Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN26018A Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AN26018A
Description  LNA IC for UHF Band (400 MHz to 800 MHz) Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN26018A Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AN26018A Datasheet HTML 6Page - Panasonic Semiconductor AN26018A Datasheet HTML 7Page - Panasonic Semiconductor AN26018A Datasheet HTML 8Page - Panasonic Semiconductor AN26018A Datasheet HTML 9Page - Panasonic Semiconductor AN26018A Datasheet HTML 10Page - Panasonic Semiconductor AN26018A Datasheet HTML 11Page - Panasonic Semiconductor AN26018A Datasheet HTML 12Page - Panasonic Semiconductor AN26018A Datasheet HTML 13Page - Panasonic Semiconductor AN26018A Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AN26018A
10
Ver. AEB
Electrical Characteristics (Reference values for design) at V
CC = 2.85 V
Notes) T
a = 25°C±2°C, fRX = 470 MHz, 620 MHz, 770 MHz, PRX = –30 dBm, CW unless otherwise specified.
The characteristics listed below are reference values derived from the design of the IC and are not guaranteed by inspection.
If a problem does occur related to these characteristics, we will respond in good faith to user concerns.
1.5
1.0
High-Gain mode
f = 300 kHz to 6 GHz
KH
K-Factor
C-14
dB
12
10
Low-Gain mode
f = fRX
S22L
Output Return Loss LG
C-13
dB
23
7
High-Gain mode
f = fRX
S22H
Output Return Loss HG
C-12
dB
20
12
Low-Gain mode
f = fRX
S11L
Input Return Loss LG
C-11
dBm
–5
–11
High-Gain mode
f = fRX
IP1dBH
Input P1dB
C-7
dB
9.5
5.0
High-Gain mode
f = fRX
S11H
Input Return Loss HG
C-10
μs
10.0
3.2
High-Gain mode
→ Low-Gain
mode
Low-Gain mode
→ High-Gain
mode
TSW
Switching Time
C-15
Low-Gain mode
f = fRX
High-Gain mode
f1 = fRX – 10 MHz
f2 = fRX – 20 MHz
Input 2 signals (f1, f2)
Low-Gain mode
f = fRX
Low-Gain mode
f = fRX, PRX = –20 dBm
*1
dB
1.9
1.5
High-Gain mode
f = fRX
NFH
Noise Figure HG
C-3
dB
2.5
1.5
NFL
Noise Figure LG
C-4
dBm
–8.0
–16.5
High-Gain mode
f1 = fRX + 10 MHz
f2 = fRX + 20 MHz
Input 2 signals (f1, f2)
IIP3H1
IIP3
+10 MHz offset HG
C-5
dBm
–8.5
–17.0
IIP3H2
IIP3
–10 MHz offset HG
C-6
dB
–18
–24
High-Gain mode
f = fRX
ISOH
Reverse Isolation HG
C-8
LNA AC electrical characteristics
dB
17.0
14.5
12.0
High-Gain mode
f = fRX
GH
Power Gain HG
C-1
dB
–1.5
–2.5
GL
Power Gain LG
C-2
dB
–1.0
–1.6
ISOL
Reverse Isolation LG
C-9
Reference values
Typ
Unit
Max
Notes
Min
Conditions
Symbol
Parameter
B No.
Note) *1 : Connector & pattern (evaluation PCB) loss (0.1 dB) included.


Similar Part No. - AN26018A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN26011A PANASONIC-AN26011A Datasheet
395Kb / 16P
   LNA-IC for 800 MHz / 450 MHz Band Applications
logo
Panasonic Battery Group
AN26011A PANASONICBATTERY-AN26011A_13 Datasheet
325Kb / 17P
   LNA-IC for 800MHz / 450MHz Band Applications
More results

Similar Description - AN26018A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN26011A PANASONIC-AN26011A Datasheet
395Kb / 16P
   LNA-IC for 800 MHz / 450 MHz Band Applications
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
logo
NXP Semiconductors
AN11097 NXP-AN11097 Datasheet
1Mb / 18P
   CMMB LNA with BGU7003, 400 MHz to 800 MHz
Rev. 01-29 March 2012
logo
World Produts Inc.
WPANT30037-RA WPI-WPANT30037-RA Datasheet
86Kb / 2P
   400 . 800 MHz UHF Broadband Antenna
logo
Panasonic Semiconductor
AN26130A PANASONIC-AN26130A Datasheet
476Kb / 16P
   Loop through Amplifier IC for VHF & UHF Band (40 MHz to 900 MHz) Applications
logo
Infineon Technologies A...
BGA713N7 INFINEON-BGA713N7 Datasheet
1Mb / 27P
   Single-Band UMTS LNA (700, 800 MHz)
Revision 3.1, 2013-01-31
BGA713L7 INFINEON-BGA713L7 Datasheet
1Mb / 27P
   Single-Band UMTS LNA (700, 800 MHz)
Revision 3.0, 2010-10-04
logo
Panasonic Battery Group
AN26027A PANASONICBATTERY-AN26027A_13 Datasheet
337Kb / 12P
   Ultra small, Low NF, Single Band LNA-IC for 600 MHz Band Applications
AN26032A PANASONICBATTERY-AN26032A Datasheet
348Kb / 11P
   Ultra small , Single Band LNA-IC with Band-limiting filter for 600 MHz Band Applications
logo
WALSIN TECHNOLOGY CORPO...
RFLPF2012090Y2T WALSIN-RFLPF2012090Y2T Datasheet
546Kb / 7P
   400 ~ 470 MHz Band RF Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com