Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M80-8781242 Datasheet(PDF) 1 Page - Harwin Plc

Part # M80-8781242
Description  Datamate Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M80-8781242 Datasheet(HTML) 1 Page - Harwin Plc

  M80-8781242 Datasheet HTML 1Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.harwin.com
22
All dimensions in mm.
Datamate Connectors
Male Horizontal PC tail
Mates with female connectors on pages 18 to 20.
For British Standard versions see pages 14 to 15.
Supplied with strain relief straps:
order code m80-0030006.
HoW to orDer
single roW
Double roW
A max.
max.
No. 1 contact
B
Ø0.50
2.00
Ø0.30
5.90
Tail
3.50
5.50 max.
5.90
2.00
2.00
Ø0.50
A max.
B
0.30
No. 1 contact
Tail
Friction lock or latch
(when fitted) adds
0.5mm to overall
length ‘A’
Friction lock or latch
(when fitted) adds
0.5mm to overall
length ‘A’
recommended PC board Pattern
2.00
4.75
Hole Ø0.80 max.
Strain relief strap holes (optional)
Ø0.90 min.
Ø Pad 1.50
4.75
2.00
Hole Ø0.80 max.
Ø Pad 1.50
0.50
Hole Ø0.80 max.
4.75
2.00
2.25
B
Strain relief strap holes (optional)
Ø0.90 min.
Hole
Ø0.80 max.
4.75
0.50
2.25
B
Strain relief strap holes
Ø0.90 min.
Strain relief strap holes
Ø0.90 min.
recommended PC board Pattern
2.00
4.75
Hole Ø0.80 max.
Strain relief strap holes (optional)
Ø0.90 min.
Ø Pad 1.50
4.75
2.00
Hole Ø0.80 max.
Ø Pad 1.50
0.50
Hole Ø0.80 max.
4.75
2.00
2.25
B
Strain relief strap holes (optional)
Ø0.90 min.
Hole
Ø0.80 max.
4.75
0.50
2.25
B
Strain relief strap holes
Ø0.90 min.
Strain relief strap holes
Ø0.90 min.
m80 – XXX XX XX
totaL No. oF coNtactS
Single Row
02 to 07, 17, 22
Double Row
04, 06, 08, 10, 12, 14, 16, 18, 20, 26, 34, 44
SerieS coDe
rohS
Non-rohS
Single
Double
Single
Double
843
841
878
868
Unlatched (3mm tail)
842
851
876
866
Latched (3mm tail)
846
839
804
814
Friction latched (3mm tail)
793
791
793
791
Unlatched (4.5mm tail)
792
771
792
771
Latched (4.5mm tail)
796
789
796
789
Friction latch (4.5mm tail)
FiNiSh
05
Gold
22
Gold + Tin/Lead
42
Gold + Tin
45
Gold
Strain relief straps are supplied with all horizontal pc tail connectors. There is no need to order separately. Straps are located at the end of each connector.
caLcULatioN
a
B + 5.60
B
Total No. of contacts – 2
caLcULatioN
a
B + 5.60
B
(Total No. of contacts – 1) x 2
View of strap in place
5.50 max.
5.90
2.00
2.00
Ø0.50
A max.
B
0.30
No. 1 contact
Tail


Similar Part No. - M80-8781242

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-8760205 HARWIN-M80-8760205 Datasheet
105Kb / 1P
   DATAMATE SIL HORIZONTAL MALE PC TAIL ASSEMBLY - LATCHED
M80-8760222 HARWIN-M80-8760222 Datasheet
105Kb / 1P
   DATAMATE SIL HORIZONTAL MALE PC TAIL ASSEMBLY - LATCHED
M80-8760705 HARWIN-M80-8760705 Datasheet
105Kb / 1P
   DATAMATE SIL HORIZONTAL MALE PC TAIL ASSEMBLY - LATCHED
M80-8760722 HARWIN-M80-8760722 Datasheet
105Kb / 1P
   DATAMATE SIL HORIZONTAL MALE PC TAIL ASSEMBLY - LATCHED
M80-8761705 HARWIN-M80-8761705 Datasheet
105Kb / 1P
   DATAMATE SIL HORIZONTAL MALE PC TAIL ASSEMBLY - LATCHED
More results

Similar Description - M80-8781242

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-8673422 HARWIN-M80-8673422 Datasheet
3Mb / 1P
   Datamate Connectors
M80-8260422P HARWIN-M80-8260422P Datasheet
452Kb / 1P
   Datamate Connectors
M80-4540698 HARWIN-M80-4540698 Datasheet
574Kb / 1P
   Datamate Connectors
M80-0110001 HARWIN-M80-0110001 Datasheet
389Kb / 1P
   Datamate Connectors
M80-8880201 HARWIN-M80-8880201 Datasheet
485Kb / 1P
   Datamate Connectors
M80-8520205 HARWIN-M80-8520205 Datasheet
782Kb / 1P
   Datamate Connectors
M80-XXXXXXX HARWIN-M80-XXXXXXX Datasheet
411Kb / 1P
   Datamate Connectors
T5746 HARWIN-T5746 Datasheet
943Kb / 1P
   Datamate Tooling
M80-308 HARWIN-M80-308 Datasheet
78Kb / 1P
   DATAMATE MIX-TEK
M80-001 HARWIN-M80-001 Datasheet
47Kb / 1P
   DATAMATE LOCKING LATCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com