Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS4200H Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDS4200H
Description  4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS4200H Datasheet(HTML) 2 Page - Diodes Incorporated

  PDS4200H Datasheet HTML 1Page - Diodes Incorporated PDS4200H Datasheet HTML 2Page - Diodes Incorporated PDS4200H Datasheet HTML 3Page - Diodes Incorporated PDS4200H Datasheet HTML 4Page - Diodes Incorporated PDS4200H Datasheet HTML 5Page - Diodes Incorporated PDS4200H Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PDS4200H
Document number: DS30596 Rev. 9 - 2
2 of 6
www.diodes.com
December 2010
© Diodes Incorporated
PDS4200H
PowerDI is a registered trademark of Diodes Incorporated.
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
RMS Reverse Voltage
VR(RMS)
141
V
Average Rectified Output Current (See also figure 5)
IO
4
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
3.0
°C/W
Thermal Resistance Junction to Ambient Air (Note 3)
RθJA
80
°C/W
Thermal Resistance Junction to Ambient Air (Note 4)
RθJA
65
°C/W
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
45
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
200
V
IR = 5μA
Forward Voltage
VF
0.76
0.785
0.61
0.84
0.68
0.82
0.59
0.84
0.64
0.89
0.75
V
IF = 3A, TS = 25°C
IF = 3A, TS = 150°C
IF = 4A, TS = 25°C
IF = 4A, TS = 150°C
IF = 8A, TS = 25°C
IF = 8A, TS = 150°C
Reverse Leakage Current (Note 6)
IR
0.2
0.8
1
4
μA
mA
TS = 25°C, VR = 200V
TS = 150°C, VR = 200V
Reverse Recovery Time
trr
25
ns
IF = 0.5A, IR = 1.0A
IRR = 0.25A (see Figure 8)
Notes:
3. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
4. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
5. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
6. Short duration test pulse used to minimize self-heating effect.


Similar Part No. - PDS4200H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS4200H DIODES-PDS4200H_15 Datasheet
520Kb / 6P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰
More results

Similar Description - PDS4200H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS4150 DIODES-PDS4150_17 Datasheet
407Kb / 5P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDS4150 DIODES-PDS4150 Datasheet
81Kb / 3P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30473 Rev. 8 - 2
PDS4150 DIODES-PDS4150_10 Datasheet
98Kb / 5P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30473 Rev. 12 - 2
PDS4150 DIODES-PDS4150_15 Datasheet
214Kb / 4P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS4200H DIODES-PDS4200H_15 Datasheet
520Kb / 6P
   4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰
MBRD460CT DIODES-MBRD460CT Datasheet
65Kb / 3P
   4A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30351 Rev. 3 - 2
logo
Sanken electric
FMEN-230A SANKEN-FMEN-230A Datasheet
206Kb / 4P
   High Voltage Schottky Barrier Rectifier
FMEN-230A SANKEN-FMEN-230A Datasheet
206Kb / 4P
   High Voltage Schottky Barrier Rectifier
logo
Inchange Semiconductor ...
VF20150S-E3 ISC-VF20150S-E3 Datasheet
303Kb / 2P
   High Voltage Barrier Schottky Rectifier
logo
Digitron Semiconductors
MUR405 DIGITRON-MUR405 Datasheet
203Kb / 3P
   4A SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com