Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFLS1200-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DFLS1200-7
Description  1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS1200-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DFLS1200-7 Datasheet HTML 1Page - Diodes Incorporated DFLS1200-7 Datasheet HTML 2Page - Diodes Incorporated DFLS1200-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DFLS1200
Document number: DS30628 Rev. 6 - 2
3 of 3
www.diodes.com
October 2008
© Diodes Incorporated
DFLS1200
PowerDI is a registered trademark of Diodes Incorporated.
Package Outline Dimensions
Suggested Pad Layout
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
PowerDI
®123
Dim
Min
Max
Typ
A
3.50 3.90 3.70
B
2.60 3.00 2.80
C
1.63 1.93 1.78
D
0.93 1.00 0.98
E
0.85 1.25 1.00
H
0.15 0.25 0.20
L
0.55 0.75 0.65
L1
1.80 2.20 2.00
L2
0.95 1.25 1.10
All Dimensions in mm
Dimensions
Value (in mm)
G
1.0
X1
2.2
X2
0.9
Y1
1.4
Y2
1.4
A
E
L
L1
B
C
E
L2
H
D
X1
GX2
Y2
Y1


Similar Part No. - DFLS1200-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS1200-7 DIODES-DFLS1200-7 Datasheet
382Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30628 Rev. 3 - 2
More results

Similar Description - DFLS1200-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B1100LB DIODES-B1100LB_15 Datasheet
107Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DFLS1200 DIODES-DFLS1200 Datasheet
382Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30628 Rev. 3 - 2
SB170 DIODES-SB170 Datasheet
63Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. B-1
DFLS1100 DIODES-DFLS1100 Datasheet
86Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30497 Rev. 4 - 2
SB170 DIODES-SB170_15 Datasheet
64Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B170BQ DIODES-B170BQ Datasheet
393Kb / 5P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B170Q DIODES-B170Q Datasheet
314Kb / 5P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B170 DIODES-B170_10 Datasheet
101Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 10 - 2
B1100LB DIODES-B1100LB_10 Datasheet
107Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30077 Rev. 10 - 2
DFLS1150 DIODES-DFLS1150_08 Datasheet
132Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DFLS1200Q DIODES-DFLS1200Q Datasheet
309Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com