Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB24307 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DB24307
Description  Silicon epitaxial planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DB24307 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DB24307 Datasheet HTML 1Page - Panasonic Semiconductor DB24307 Datasheet HTML 2Page - Panasonic Semiconductor DB24307 Datasheet HTML 3Page - Panasonic Semiconductor DB24307 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ver. AED
This product complies with the RoHS Directive (EU 2002/95/EC).
DB24307
2
IF  VF
IR  VR
Ct VR
10−6
0
0.1
0.4
0.2
0.3
10−4
10−2
1
DB24307_ IF-VF
Forward voltage VF (V)
85°C
100°C
25°C
30°C
Ta =125°C
10−7
0
10
40
20
30
10−6
10−5
10−4
10−3
10−2
DB24307_ IR-VR
Reverse voltage VR (V)
85°C
25°C
30°C
0
100
0
30
10
20
700
600
500
400
300
200
Reverse voltage VR (V)
DB24307_Ct-VR
Ta = 25°C


Similar Part No. - DB24307

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
DB2430100L PANASONICBATTERY-DB2430100L Datasheet
316Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2430500L PANASONICBATTERY-DB2430500L Datasheet
321Kb / 5P
   Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
More results

Similar Description - DB24307

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com