Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD3Z284C3V3 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PD3Z284C3V3
Description  0.5W SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3Z284C3V3 Datasheet(HTML) 2 Page - Diodes Incorporated

  PD3Z284C3V3 Datasheet HTML 1Page - Diodes Incorporated PD3Z284C3V3 Datasheet HTML 2Page - Diodes Incorporated PD3Z284C3V3 Datasheet HTML 3Page - Diodes Incorporated PD3Z284C3V3 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PD3Z284C2V4 - PD3Z284C39
Document number: DS30702 Rev. 9 - 2
2 of 4
www.diodes.com
June 2008
© Diodes Incorporated
PD3Z284C2V4 - PD3Z284C39
Electrical Characteristics @TA = 25°C unless otherwise specified
Zener Voltage Range
(Note 3)
Maximum Zener Impedance
(Note 4)
Maximum
Reverse
Current
(Note 3)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
VR
Temperature
Coefficient of
Zener Voltage
@ IZT = 5mA
mV/
°C
Type
Number
Marking
Code
Nom (V)
Min (V)
Max (V)
(mA)
Ω
mA
uA
V
Min
Max
PD3Z284C2V4
06
2.4
2.20
2.60
5
100
400
1.0
50
1.0
-3.5
0
PD3Z284C2V7
08
2.7
2.5
2.9
5
100
450
1.0
20
1.0
-3.5
0
PD3Z284C3V0
0A
3.0
2.8
3.2
5
95
500
1.0
10
1.0
-3.5
0
PD3Z284C3V3
0B
3.3
3.1
3.5
5
95
500
1.0
5
1.0
-3.5
0
PD3Z284C3V6
0C
3.6
3.4
3.8
5
90
500
1.0
5
1.0
-3.5
0
PD3Z284C3V9
0D
3.9
3.7
4.1
5
90
500
1.0
3
1.0
-3.5
0
PD3Z284C4V3
0E
4.3
4.0
4.6
5
90
600
1.0
3
1.0
-3.5
0
PD3Z284C4V7
0F
4.7
4.4
5.0
5
80
500
1.0
3
2.0
-3.5
0.2
PD3Z284C5V1
Z0G, 0G
5.1
4.8
5.4
5
60
480
1.0
2
2.0
-2.7
1.2
PD3Z284C5V6
Z0H, 0H
5.6
5.2
6.0
5
40
400
1.0
1
2.0
-2.0
2.5
PD3Z284C6V2
Z0K, 0K
6.2
5.8
6.6
5
10
150
1.0
3
4.0
0.4
3.7
PD3Z284C6V8
Z0L, 0L
6.8
6.4
7.2
5
15
80
1.0
2
4.0
1.2
4.5
PD3Z284C7V5
Z0M, 0M
7.5
7.0
7.9
5
10
80
1.0
1
5.0
2.5
5.3
PD3Z284C8V2
Z0N, 0N
8.2
7.7
8.7
5
10
80
1.0
0.7
5.0
3.2
6.2
PD3Z284C9V1
Z0P, 0P
9.1
8.5
9.6
5
10
100
1.0
0.5
6.0
3.8
7.0
PD3Z284C10
Z0Q, 0Q
10
9.4
10.6
5
10
150
1.0
0.2
7.0
4.5
8.0
PD3Z284C11
Z0R, 0R
11
10.4
11.6
5
10
150
1.0
0.1
8.0
5.4
9.0
PD3Z284C12
Z0S, 0S
12
11.4
12.7
5
10
150
1.0
0.1
8.0
6.0
10.0
PD3Z284C13
0T
13
12.4
14.1
5
10
170
1.0
0.1
8.0
7.0
11.0
PD3Z284C15
0V
15
13.8
15.6
5
15
200
1.0
0.1
10.5
9.2
13.0
PD3Z284C16
0W
16
15.3
17.1
5
20
200
1.0
0.1
11.2
10.4
14.0
PD3Z284C18
0Y
18
16.8
19.1
5
20
225
1.0
0.1
12.6
12.4
16.0
PD3Z284C20
0Z
20
18.8
21.2
5
20
225
1.0
0.1
14.0
14.4
18.0
PD3Z284C22
11
22
20.8
23.3
5
25
250
1.0
0.1
15.4
16.4
20.0
PD3Z284C24
12
24
22.8
25.6
5
30
250
1.0
0.1
16.8
18.4
22.0
PD3Z284C27
14
27
25.1
28.9
2
40
250
0.5
0.1
18.9
21.4
25.3
PD3Z284C30
16
30
28.0
32.0
2
40
250
0.5
0.1
21.0
24.4
29.4
PD3Z284C33
17
33
31.0
35.0
2
40
275
0.5
0.1
23.1
27.4
33.4
PD3Z284C36
18
36
34.0
38.0
2
60
300
0.5
0.1
25.2
30.4
37.4
PD3Z284C39
19
39
37.0
41.0
2
75
300
0.5
0.1
27.3
33.4
41.2
Notes:
3. Short duration pulse test used to minimize self-heating effect.
4. f = 1kHz.


Similar Part No. - PD3Z284C3V3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3Z284C3V3 DIODES-PD3Z284C3V3 Datasheet
332Kb / 5P
   0.5W SURFACE MOUNT ZENER DIODE
DS30702 Rev. 8 - 2
PD3Z284C3V3 DIODES-PD3Z284C3V3 Datasheet
312Kb / 5P
   0.5W SURFACE MOUNT ZENER DIODE
PD3Z284C3V3-7 DIODES-PD3Z284C3V3-7 Datasheet
332Kb / 5P
   0.5W SURFACE MOUNT ZENER DIODE
DS30702 Rev. 8 - 2
More results

Similar Description - PD3Z284C3V3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3Z284C2V4 DIODES-PD3Z284C2V4 Datasheet
332Kb / 5P
   0.5W SURFACE MOUNT ZENER DIODE
DS30702 Rev. 8 - 2
PD3Z284C2V4 DIODES-PD3Z284C2V4_16 Datasheet
312Kb / 5P
   0.5W SURFACE MOUNT ZENER DIODE
DDZ5V6ASFQ DIODES-DDZ5V6ASFQ Datasheet
287Kb / 5P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
July 2018 Rev. 2 - 2
DDZ10ASF-7 DIODES-DDZ10ASF-7 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ9692TQ DIODES-DDZ9692TQ Datasheet
400Kb / 5P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
July 2018 Rev. 2 - 2
DDZ2V4ASF DIODES-DDZ2V4ASF_15 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
UDZ5V1BF DIODES-UDZ5V1BF Datasheet
93Kb / 4P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ2V4ASF DIODES-DDZ2V4ASF Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ12CSF-7 DIODES-DDZ12CSF-7 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
UDZ5V1BF DIODES-UDZ5V1BF_15 Datasheet
93Kb / 4P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com