Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD3Z284C4V7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PD3Z284C4V7
Description  0.5W SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3Z284C4V7 Datasheet(HTML) 3 Page - Diodes Incorporated

  PD3Z284C4V7 Datasheet HTML 1Page - Diodes Incorporated PD3Z284C4V7 Datasheet HTML 2Page - Diodes Incorporated PD3Z284C4V7 Datasheet HTML 3Page - Diodes Incorporated PD3Z284C4V7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PD3Z284C2V4 - PD3Z284C39
PD3Z284C2V4 - PD3Z284C39
Document number: DS30702 Rev. 9 - 2
3 of 4
www.diodes.com
June 2008
© Diodes Incorporated
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
400
200
300
500
100
0
600
040
80
120
160
200
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Fig. 2 Typical Zener Breakdown Characteristics
Z
12
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3. Typical Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
j
Test current I
= 5mA
Z
Test current I
= 2mA
Z
C18
C22
C27
C33
C36
C15
C39
10
100
1,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 4 Total Capacitance vs. Nominal Zener Voltage
Z
V = 1V
R
V = 2V
R
V = 1V
R
V = 2V
R
T = 25 °C
f = 1MHz
j
Ordering Information (Note 5)
Device
Packaging
Shipping
(Type Number)-7*
PowerDI
®323
3000/Tape & Reel
*Add “-7” to the appropriate type number in Electrical Characteristics Table from Page 2. Example: 6.2V Zener = PD3Z284C6V2-7.
Notes:
5. For packaging details, go to our website at: http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
xx = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex. T = 2006)
M = Month (ex. 9 = September)
xx
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D


Similar Part No. - PD3Z284C4V7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3Z284C4V7 DIODES-PD3Z284C4V7 Datasheet
332Kb / 5P
   0.5W SURFACE MOUNT ZENER DIODE
DS30702 Rev. 8 - 2
PD3Z284C4V7 DIODES-PD3Z284C4V7 Datasheet
312Kb / 5P
   0.5W SURFACE MOUNT ZENER DIODE
PD3Z284C4V7-7 DIODES-PD3Z284C4V7-7 Datasheet
332Kb / 5P
   0.5W SURFACE MOUNT ZENER DIODE
DS30702 Rev. 8 - 2
More results

Similar Description - PD3Z284C4V7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3Z284C2V4 DIODES-PD3Z284C2V4 Datasheet
332Kb / 5P
   0.5W SURFACE MOUNT ZENER DIODE
DS30702 Rev. 8 - 2
PD3Z284C2V4 DIODES-PD3Z284C2V4_16 Datasheet
312Kb / 5P
   0.5W SURFACE MOUNT ZENER DIODE
DDZ5V6ASFQ DIODES-DDZ5V6ASFQ Datasheet
287Kb / 5P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
July 2018 Rev. 2 - 2
DDZ10ASF-7 DIODES-DDZ10ASF-7 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ9692TQ DIODES-DDZ9692TQ Datasheet
400Kb / 5P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
July 2018 Rev. 2 - 2
DDZ2V4ASF DIODES-DDZ2V4ASF_15 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
UDZ5V1BF DIODES-UDZ5V1BF Datasheet
93Kb / 4P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ2V4ASF DIODES-DDZ2V4ASF Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ12CSF-7 DIODES-DDZ12CSF-7 Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
UDZ5V1BF DIODES-UDZ5V1BF_15 Datasheet
93Kb / 4P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com