Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA64M1 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATMEGA64M1
Description  Automotive Specification at 150째C
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64M1 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATMEGA64M1 Datasheet HTML 3Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 4Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 5Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 6Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 7Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 8Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 9Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 10Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
7781D–AVR–01/10
ATmega16M1/32M1/32C1/64M1/64C1 Automotive
3.
Ordering Information
Notes:
1. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Sub-
stances (RoHS directive). Also Halide free and fully Green.
2. For Speed versus Vcc, see complete datasheet.
Table 3-1.
ATmega16/32/64/M1/C1 Ordering Code
Speed is 16 MHz and Power Supply is 4.5V to 5.5V for all devices. Operating range is the same for all
devices too Extended (–40°C to +150°C).
Speed (MHz)
Power Supply
Ordering Code
Package(1)
Operation Range
16(2)
4.5V to 5.5V
ATmega16M1-15MD
PV
Extended
(–40°C to +150°C)
16(2)
4.5V to 5.5V
ATmega16M1-15AD
MA
Extended
(–40°C to +150°C)
16(2)
4.5V to 5.5V
ATmega32M1-ESMD
PV
Engineering samples
16(2)
4.5V to 5.5V
ATmega32M1-ESAD
MA
Engineering samples
16(2)
4.5V to 5.5V
ATmega32M1-15MD
PV
Extended
(–40°C to +150°C)
16(2)
4.5V to 5.5V
ATmega32M1-15AD
MA
Extended
(–40°C to +150°C)
16(2)
4.5V to 5.5V
ATmega32C1-15MD
PV
Extended
(–40°C to +150°C)
16(2)
4.5V to 5.5V
ATmega32C1-15AD
MA
Extended
(–40°C to +150°C)
16(2)
4.5V to 5.5V
ATmega64M1-ESMD
PV
Engineering samples
16(2)
4.5V to 5.5V
ATmega64M1-ESAD
MA
Engineering samples
16(2)
4.5V to 5.5V
ATmega64C1-ESMD
PV
Engineering samples
16(2)
4.5V to 5.5V
ATmega64C1-ESAD
MA
Engineering samples
16(2)
4.5V to 5.5V
ATmega64M1-15MD
PV
Extended
(–40°C to +150°C)
16(2)
4.5V to 5.5V
ATmega64M1-15AD
MA
Extended
(–40°C to +150°C)
16(2)
4.5V to 5.5V
ATmega64C1-15MD
PV
Extended
(–40°C to +150°C)
16(2)
4.5V to 5.5V
ATmega64C1-15AD
MA
Extended
(–40°C to +150°C)


Similar Part No. - ATMEGA64M1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64M1 ATMEL-ATMEGA64M1 Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATmega64M1 ATMEL-ATmega64M1 Datasheet
667Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATmega64M1 ATMEL-ATmega64M1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA64M1 ATMEL-ATMEGA64M1 Datasheet
792Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATmega64M1 ATMEL-ATmega64M1 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
More results

Similar Description - ATMEGA64M1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY45 ATMEL-ATTINY45_14 Datasheet
1Mb / 22P
   Appendix A - ATtiny45 Automotive specification at 150
logo
Kemet Corporation
T498X227M010ATE500 KEMET-T498X227M010ATE500_16 Datasheet
1Mb / 18P
   T498 Series Automotive Grade MnO2 150째C
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
356Kb / 12P
   Specification at 150
logo
Lumileds Lighting Compa...
LXMA-PW01-0100 LUMILEDS-LXMA-PW01-0100 Datasheet
2Mb / 37P
   Automotive Specification
logo
ATMEL Corporation
ATTINY261A ATMEL-ATTINY261A_14 Datasheet
1Mb / 32P
   ATtiny261A Specification at 105C
logo
TDK Electronics
CGA6P3X7R1H475K250AB TDK-CGA6P3X7R1H475K250AB Datasheet
60Kb / 5P
   Multilayer Ceramic Chip Capacitors For automobile(Guaranteed at high temperature[150째C max.])
logo
Samsung semiconductor
CL31B225KBH4PNE SAMSUNG-CL31B225KBH4PNE Datasheet
127Kb / 2P
   Specification of Automotive MLCC
logo
List of Unclassifed Man...
CHTA16 ETC1-CHTA16 Datasheet
922Kb / 2P
   High Temperature 150째C Series TRIAC
logo
ATMEL Corporation
AT-MEGA163 ATMEL-AT-MEGA163 Datasheet
16Kb / 6P
   150째C RETENTION BAKE (PLASTIC)
logo
List of Unclassifed Man...
CHTA12 ETC1-CHTA12 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com