Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA64M1 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATMEGA64M1
Description  Automotive Specification at 150째C
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64M1 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATMEGA64M1 Datasheet HTML 1Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 2Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 3Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 4Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 5Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 6Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 7Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 8Page - ATMEL Corporation ATMEGA64M1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
7781D–AVR–01/10
ATmega16M1/32M1/32C1/64M1/64C1 Automotive
1.
Electrical Characteristics
1.1
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Test Conditions
Unit
Operating Temperature
–55 to +150
°C
Storage Temperature
–65 to +175
°C
Voltage on any Pin except RESET with respect to Ground
–0.5 to VCC+0.5
V
Voltage on RESET with respect to Ground
–0.5 to +13.0
V
Maximum Operating Voltage
6.0
V
DC Current per I/O Pin
DC Current V
CC and GND
30
200.0
mA
1.2
DC Characteristics
TA = –40°C to +150°C, VCC = 4.5V to 5.5V (unless otherwise noted)
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Input Low Voltage, except
XTAL1 and RESET pin
V
CC = 4.5V to 5.5V
VIL
–0.5
+0.2V
CC
(1)
V
Input High Voltage,
except XTAL1 and
RESET pins
V
CC = 4.5V to 5.5V
VIH
0.6V
CC
(2)
V
CC + 0.5
V
Input Low Voltage,
XTAL1 pin
VCC = 4.5V to 5.5V
VIL1
–0.5
+0.1VCC
(1)
V
Input High Voltage,
XTAL1 pin
VCC = 4.5V to 5.5V
VIH1
0.8VCC
(2)
VCC + 0.5
V
Input Low Voltage,
RESET pin
V
CC = 4.5V to 5.5V
VIL2
–0.5
+0.2V
CC
(1)
V
Input High Voltage,
RESET pin
VCC = 4.5V to 5.5V
VIH2
0.9VCC
(2)
VCC + 0.5
V
Input Low Voltage,
RESET pin as I/O
VCC = 4.5V to 5.5V
VIL3
–0.5
+0.2VCC
(1)
V
Input High Voltage,
RESET pin as I/O
V
CC = 4.5V to 5.5V
VIH3
0.8V
CC
(2)
V
CC + 0.5
V
Notes:
1. “Max” means the highest value where the pin is guaranteed to be read as low
2. “Min” means the lowest value where the pin is guaranteed to be read as high
3. Although each I/O port can sink more than the test conditions (20 mA at VCC = 5V) under steady state conditions (non-tran-
sient), the following must be observed:
1] The sum of all IOL, for all ports, should not exceed 400 mA.
2] The sum of all IOL, for ports C0 - C5, should not exceed 200 mA.
3] The sum of all IOL, for ports C6, D0 - D4, should not exceed 300 mA.
4] The sum of all IOL, for ports B0 - B7, D5 - D7, should not exceed 300 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
4. For temperature range +125°C to +150°C only. For –40°C to +125°C, refer to
ATmega16M1/ATmega32M1/ATmega32C1/ATmega64M1/ATmega64C1 Automotive datasheet.


Similar Part No. - ATMEGA64M1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64M1 ATMEL-ATMEGA64M1 Datasheet
1,005Kb / 25P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATmega64M1 ATMEL-ATmega64M1 Datasheet
667Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATmega64M1 ATMEL-ATmega64M1 Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
ATMEGA64M1 ATMEL-ATMEGA64M1 Datasheet
792Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATmega64M1 ATMEL-ATmega64M1 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
More results

Similar Description - ATMEGA64M1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY45 ATMEL-ATTINY45_14 Datasheet
1Mb / 22P
   Appendix A - ATtiny45 Automotive specification at 150
logo
Kemet Corporation
T498X227M010ATE500 KEMET-T498X227M010ATE500_16 Datasheet
1Mb / 18P
   T498 Series Automotive Grade MnO2 150째C
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
356Kb / 12P
   Specification at 150
logo
Lumileds Lighting Compa...
LXMA-PW01-0100 LUMILEDS-LXMA-PW01-0100 Datasheet
2Mb / 37P
   Automotive Specification
logo
ATMEL Corporation
ATTINY261A ATMEL-ATTINY261A_14 Datasheet
1Mb / 32P
   ATtiny261A Specification at 105C
logo
TDK Electronics
CGA6P3X7R1H475K250AB TDK-CGA6P3X7R1H475K250AB Datasheet
60Kb / 5P
   Multilayer Ceramic Chip Capacitors For automobile(Guaranteed at high temperature[150째C max.])
logo
Samsung semiconductor
CL31B225KBH4PNE SAMSUNG-CL31B225KBH4PNE Datasheet
127Kb / 2P
   Specification of Automotive MLCC
logo
List of Unclassifed Man...
CHTA16 ETC1-CHTA16 Datasheet
922Kb / 2P
   High Temperature 150째C Series TRIAC
logo
ATMEL Corporation
AT-MEGA163 ATMEL-AT-MEGA163 Datasheet
16Kb / 6P
   150째C RETENTION BAKE (PLASTIC)
logo
List of Unclassifed Man...
CHTA12 ETC1-CHTA12 Datasheet
207Kb / 2P
   High Temperature 150째C Series TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com