Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTC123JLP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDTC123JLP
Description  PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC123JLP Datasheet(HTML) 3 Page - Diodes Incorporated

  DDTC123JLP_09 Datasheet HTML 1Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 2Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 3Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 4Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 5Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 6Page - Diodes Incorporated DDTC123JLP_09 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DDTCxxxxLP (R1
≠R2 Series)
Document number: DS30755 Rev. 7 - 2
3 of 7
www.diodes.com
March 2009
© Diodes Incorporated
DDTCxxxxLP (R1
≠R2 Series)
Characteristics Curves of DDTC123JLP
@TA = 25°C unless otherwise specified
0
50
100
150
200
250
300
350
0.1
1
10
100
1,000
V
= 5V
CE
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical DC Current Gain vs. Collector Current
C
T = 150 C
A
°
T = 85 C
A
°
T = -55 C
A
°
T = 25 C
A
°
0.1
1
10
100
I/I = 10
CB
I , COLLECTOR CURRENT (mA)
Fig. 3 Typical Collector Emitter Saturation Voltage
vs. Collector Current
C
T = 150 C
A
°
T = 85 C
A
°
T = -55 C
A
°
T = 25 C
A
°
0
0.03
0.06
0.09
0.12
0.15
012
34
5
6
7
8
9
10
V
, COLLECTOR EMITTER VOLTAGE (V)
Fig. 4 Typical Collector Current vs. Collector Emitter Voltage
CE
I = 5.0mA
B
I = 4.0mA
B
I = 3.5mA
B
I = 3.0mA
B
I = 4.5mA
B
I = 2.5mA
B
I = 1.5mA
B
I = 1.0mA
B
I = 0.5mA
B
I = 2.0mA
B
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-60
-30
0
30
60
90
120
150
V
= 0.3V
O
I = 5mA
O
T , AMBIENT TEMPERATURE ( C)
Fig. 5 Typical Input Voltage vs. Ambient Temperature
A
°
0
1.5
3
4.5
0.1
1
10
100
V
= 5V
CE
I , COLLECTOR CURRENT (mA)
Fig. 6 Typical Base Emitter Voltage vs. Collector Current
C
T = 25 C
A
°
T = -55 C
A
°
T = 85 C
A
°
T = 150 C
A
°
0
3
6
9
12
15
18
21
24
27
30
0.1
1
10
100
I/I = 10
CB
I , COLLECTOR CURRENT (mA)
Fig. 7 Typical Base Emitter Saturation Voltage
vs. Collector Current
C
T = 25 C
A
°
T = -55 C
A
°
T = 85 C
A
°
T = 150 C
A
°


Similar Part No. - DDTC123JLP_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC123JLP-7 DIODES-DDTC123JLP-7 Datasheet
550Kb / 8P
   NPN PRE-BIASED (R1≠R2) SMALL SIGNAL IN DFN1006
Rev. 8 - 2 January 2016
DDTC123JLP-7-F DIODES-DDTC123JLP-7-F Datasheet
263Kb / 7P
   PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DS30755 Rev. 4 - 2
DDTC123JLP-7B DIODES-DDTC123JLP-7B Datasheet
550Kb / 8P
   NPN PRE-BIASED (R1≠R2) SMALL SIGNAL IN DFN1006
Rev. 8 - 2 January 2016
More results

Similar Description - DDTC123JLP_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC123JLP DIODES-DDTC123JLP Datasheet
263Kb / 7P
   PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DS30755 Rev. 4 - 2
DDTC114ELP DIODES-DDTC114ELP_1 Datasheet
173Kb / 5P
   PRE-BIASED (R1 = R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTC144ELP DIODES-DDTC144ELP Datasheet
192Kb / 3P
   PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTC113TUA DIODES-DDTC113TUA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
ADTC114YUAQ DIODES-ADTC114YUAQ Datasheet
457Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
ADTC143TCAQ DIODES-ADTC143TCAQ Datasheet
275Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143ZUAQ DIODES-ADTC143ZUAQ Datasheet
381Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143TUAQ DIODES-ADTC143TUAQ Datasheet
371Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2016
DDTC113TE DIODES-DDTC113TE_2 Datasheet
177Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
ADTC114ECAQ DIODES-ADTC114ECAQ Datasheet
336Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com