Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCX100NS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DCX100NS
Description  100mA DUAL PRE-BIASED TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX100NS Datasheet(HTML) 1 Page - Diodes Incorporated

  DCX100NS Datasheet HTML 1Page - Diodes Incorporated DCX100NS Datasheet HTML 2Page - Diodes Incorporated DCX100NS Datasheet HTML 3Page - Diodes Incorporated DCX100NS Datasheet HTML 4Page - Diodes Incorporated DCX100NS Datasheet HTML 5Page - Diodes Incorporated DCX100NS Datasheet HTML 6Page - Diodes Incorporated DCX100NS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS30761 Rev. 6 - 2
1 of 6
www.diodes.com
DCX100NS
© Diodes Incorporated
DCX100NS
100mA DUAL PRE-BIASED TRANSISTORS
General Descriptions
DCX100NS is best suited for applications where the load
needs to be turned on and off using control circuits like
micro-controllers, comparators etc. particularly at a point
of load. It features a discrete PNP pass transistor which
can support continuous maximum current up to 100 mA. It
also contains an NPN transistor which can be used as a
control switch and can also be biased using higher
supply. The component devices can be used as part of a
circuit or as stand alone discrete devices.
Features
Built in Biasing Resistors
Epitaxial Planar Die Construction
Lead Free By Design/ROHS Compliant (Note 1)
"Green" Device (Note 2)
Ideally Suited for Automated Assembly Processes
Mechanical Data
Case: SOT-563
Case Material: Molded Plastic. "Green” Molding
Compound. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish - Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
Marking Information: See Page 5
Ordering Information: See Page 5
Weight: 0.0035 grams (approximate)
Reference
Device Type
R1 (NOM)
R2 (NOM)
R3, R4 (NOM)
Q1
PNP
1K
Ω
10K
Ω
Q2
NPN
10K
Ω
Maximum Ratings: Total Device
@TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 3)
PD
150
mW
Collector Current (using PNP as Pass Transistor)
IC(max)
100
mA
Thermal Resistance, Junction to Ambient Air
(Note 3)
RθJA
833
°C/W
Operating and Storage Junction Temperature Range
TJ, TSTG
-55 to +150
°C
Sub-Component Device - Pre-Biased PNP Transistor
@TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage
Vcc
-50
V
Input Voltage
Vin
+5 to -10
V
Output Current
Ic
-100
mA
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http:/www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; please see page 6 or as per Diodes Inc. suggested pad layout document AP02001 on
our website at http://www.diodes.com/datasheets/ap02001.pdf.
Schematic and Pin Configuration
SOT-563
Please click here to visit our online spice models database.


Similar Part No. - DCX100NS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX100NS DIODES-DCX100NS Datasheet
1Mb / 7P
   100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DS30761 Rev. 4 - 2
DCX100NS-7 DIODES-DCX100NS-7 Datasheet
1Mb / 7P
   100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DS30761 Rev. 4 - 2
More results

Similar Description - DCX100NS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX4710H DIODES-DCX4710H Datasheet
132Kb / 8P
   100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DS30871 Rev. 3 - 2
DCX4710H DIODES-DCX4710H_1 Datasheet
241Kb / 7P
   100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DS30871 Rev. 6 - 2
DCX4710H DIODES-DCX4710H_15 Datasheet
248Kb / 7P
   100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DCX100NS DIODES-DCX100NS Datasheet
1Mb / 7P
   100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DS30761 Rev. 4 - 2
UMC4NQ DIODES-UMC4NQ Datasheet
405Kb / 6P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
Rev. 1 - 2 February 2017
UMC5N DIODES-UMC5N Datasheet
290Kb / 4P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
UMC5NQ DIODES-UMC5NQ Datasheet
436Kb / 6P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
February 2017 Rev. 1 - 2
UMC4N DIODES-UMC4N Datasheet
293Kb / 4P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DDC144NS DIODES-DDC144NS Datasheet
135Kb / 5P
   100mA PRE-BIASED TRANSISTOR ARRAY USING DUAL NPN TRANSISTOR
DS30747 Rev. 4 - 2
MIMD10A DIODES-MIMD10A Datasheet
83Kb / 3P
   DUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT
DS30381 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com