Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA128A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA128A
Description  Write/Erase cycles: 10,000 Flash/100,000 EEPROM
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128A Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA128A Datasheet HTML 1Page - ATMEL Corporation ATMEGA128A Datasheet HTML 2Page - ATMEL Corporation ATMEGA128A Datasheet HTML 3Page - ATMEL Corporation ATMEGA128A Datasheet HTML 4Page - ATMEL Corporation ATMEGA128A Datasheet HTML 5Page - ATMEL Corporation ATMEGA128A Datasheet HTML 6Page - ATMEL Corporation ATMEGA128A Datasheet HTML 7Page - ATMEL Corporation ATMEGA128A Datasheet HTML 8Page - ATMEL Corporation ATMEGA128A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 386 page
background image
Features
High-performance, Low-power Atmel® AVR® 8-bit Microcontroller
Advanced RISC Architecture
– 133 Powerful Instructions – Most Single Clock Cycle Execution
– 32 × 8 General Purpose Working Registers + Peripheral Control Registers
– Fully Static Operation
– Up to 16 MIPS Throughput at 16 MHz
– On-chip 2-cycle Multiplier
High Endurance Non-volatile Memory segments
– 128 Kbytes of In-System Self-programmable Flash program memory
– 4 Kbytes EEPROM
– 4 Kbytes Internal SRAM
– Write/Erase cycles: 10,000 Flash/100,000 EEPROM
– Data retention: 20 years at 85
°C/100 years at 25°C(1)
– Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– Up to 64 Kbytes Optional External Memory Space
– Programming Lock for Software Security
– SPI Interface for In-System Programming
JTAG (IEEE std. 1149.1 Compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
– Programming of Flash, EEPROM, Fuses and Lock Bits through the JTAG Interface
Peripheral Features
– Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes
– Two Expanded 16-bit Timer/Counters with Separate Prescaler, Compare Mode and
Capture Mode
– Real Time Counter with Separate Oscillator
– Two 8-bit PWM Channels
– 6 PWM Channels with Programmable Resolution from 2 to 16 Bits
– Output Compare Modulator
– 8-channel, 10-bit ADC
8 Single-ended Channels
7 Differential Channels
2 Differential Channels with Programmable Gain at 1x, 10x, or 200x
– Byte-oriented Two-wire Serial Interface
– Dual Programmable Serial USARTs
– Master/Slave SPI Serial Interface
– Programmable Watchdog Timer with On-chip Oscillator
– On-chip Analog Comparator
Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated RC Oscillator
– External and Internal Interrupt Sources
– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby,
and Extended Standby
– Software Selectable Clock Frequency
– ATmega103 Compatibility Mode Selected by a Fuse
– Global Pull-up Disable
I/O and Packages
– 53 Programmable I/O Lines
– 64-lead TQFP and 64-pad QFN/MLF
Operating Voltages
– 2.7V - 5.5V
Speed Grades
– 0 - 16 MHz
8-bit
Microcontroller
with 128K Bytes
In-System
Programmable
Flash
ATmega128A
Rev. 8151G–AVR–07/10


Similar Part No. - ATMEGA128A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A ATMEL-ATMEGA128A Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
ATMEGA128A-AU ATMEL-ATMEGA128A-AU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-AUR ATMEL-ATMEGA128A-AUR Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-MU ATMEL-ATMEGA128A-MU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA128A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS24B33 MAXIM-DS24B33 Datasheet
243Kb / 22P
   4Kb 1-Wire EEPROM with 200k Write/Erase Cycles
Rev 0; 2/11
logo
Megawin Technology Co.,...
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
   Flash write/erase cycle
MG64F225 MEGAWIN-MG64F225 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
Grayhill, Inc
23C1024-1 GRAYHILL-23C1024-1 Datasheet
57Kb / 1P
   Momentary Contact 100,000 Cycles of Operation
logo
C&K Components
CCM01MK2 CK-COMPONENTS-CCM01MK2 Datasheet
122Kb / 2P
   Operating life up to 100,000 cycles
logo
ATMEL Corporation
AT89C51CC03 ATMEL-AT89C51CC03_14 Datasheet
327Kb / 7P
   Read/Write Flash and EEPROM Memories
T89C51CC01 ATMEL-T89C51CC01_14 Datasheet
346Kb / 32P
   Read/Write Flash and EEPROM Memories
AT89C51AC2 ATMEL-AT89C51AC2_14 Datasheet
115Kb / 9P
   Flash/EEPROM ??First Read After Write Disturbed
T89C51AC2 ATMEL-T89C51AC2_14 Datasheet
115Kb / 9P
   Flash/EEPROM ??First Read After Write Disturbed
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
195Kb / 28P
   Read/Write Flash and EEPROM on-chip memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com