Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY261 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATTINY261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY261 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATTINY261 Datasheet HTML 7Page - ATMEL Corporation ATTINY261 Datasheet HTML 8Page - ATMEL Corporation ATTINY261 Datasheet HTML 9Page - ATMEL Corporation ATTINY261 Datasheet HTML 10Page - ATMEL Corporation ATTINY261 Datasheet HTML 11Page - ATMEL Corporation ATTINY261 Datasheet HTML 12Page - ATMEL Corporation ATTINY261 Datasheet HTML 13Page - ATMEL Corporation ATTINY261 Datasheet HTML 14Page - ATMEL Corporation ATTINY261 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 226 page
background image
11
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
5.3
Status Register
The Status Register contains information about the result of the most recently executed arithme-
tic instruction. This information can be used for altering program flow in order to perform
conditional operations. Note that the Status Register is updated after all ALU operations, as
specified in the Instruction Set Reference. This will in many cases remove the need for using the
dedicated compare instructions, resulting in faster and more compact code. The Status Register
is not automatically stored when entering an interrupt routine and restored when returning from
an interrupt. This must be handled by software.
5.3.1
SREG – AVR Status Register
The AVR Status Register – SREG – is defined as:
• Bit 7 – I: Global Interrupt Enable
The Global Interrupt Enable bit must be set for the interrupts to be enabled. The individual inter-
rupt enable control is then performed in separate control registers. If the Global Interrupt Enable
Register is cleared, none of the interrupts are enabled independent of the individual interrupt
enable settings. The I-bit is cleared by hardware after an interrupt has occurred, and is set by
the RETI instruction to enable subsequent interrupts. The I-bit can also be set and cleared by
the application with the SEI and CLI instructions, as described in the instruction set reference.
• Bit 6 – T: Bit Copy Storage
The Bit Copy instructions BLD (Bit LoaD) and BST (Bit STore) use the T-bit as source or desti-
nation for the operated bit. A bit from a register in the Register File can be copied into T by the
BST instruction, and a bit in T can be copied into a bit in a register in the Register File by the
BLD instruction.
• Bit 5 – H: Half Carry Flag
The Half Carry Flag H indicates a Half Carry in some arithmetic operations. Half Carry is useful
in BCD arithmetic. See the “Instruction Set Description” for detailed information.
• Bit 4 – S: Sign Bit, S = N
V
The S-bit is always an exclusive or between the Negative Flag N and the Two’s Complement
Overflow Flag V. See the “Instruction Set Description” for detailed information.
• Bit 3 – V: Two’s Complement Overflow Flag
The Two’s Complement Overflow Flag V supports two’s complement arithmetics. See the
“Instruction Set Description” for detailed information.
• Bit 2 – N: Negative Flag
The Negative Flag N indicates a negative result in an arithmetic or logic operation. See the
“Instruction Set Description” for detailed information.
Bit
7654
3210
0x3F (0x5F)
I
T
H
S
V
N
Z
C
SREG
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
0000


Similar Part No. - ATTINY261

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY261 ATMEL-ATTINY261 Datasheet
306Kb / 19P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261 Datasheet
2Mb / 236P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261 Datasheet
347Kb / 16P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATtiny261 ATMEL-ATtiny261 Datasheet
4Mb / 227P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261 Datasheet
444Kb / 11P
   8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY261

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L064 ATMEL-AT32UC3L064_2 Datasheet
10Mb / 830P
   32-bit AVR짰 Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_1 Datasheet
10Mb / 676P
   32-bit AVR짰 Microcontroller
AT90PWM1 ATMEL-AT90PWM1_14 Datasheet
3Mb / 297P
   High Performance, Low Power AVR 8-bit Microcontroller
ATTINY85 ATMEL-ATTINY85_14 Datasheet
3Mb / 196P
   High Performance, Low Power AVR 8-Bit Microcontroller
AT90USB82 ATMEL-AT90USB82_14 Datasheet
320Kb / 21P
   High Performance, Low Power AVR 8-Bit Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_11 Datasheet
1Mb / 105P
   32-bit AVR짰 Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_11 Datasheet
1Mb / 91P
   32-bit AVR짰 Microcontroller
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com