Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZT651 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DZT651
Description  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT651 Datasheet(HTML) 2 Page - Diodes Incorporated

  DZT651 Datasheet HTML 1Page - Diodes Incorporated DZT651 Datasheet HTML 2Page - Diodes Incorporated DZT651 Datasheet HTML 3Page - Diodes Incorporated DZT651 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Off Characteristics (Note 5)
Collector-Base Breakdown Voltage
V(BR)CBO
80
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
60
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
V
IE = 100μA, IC = 0
Collector Cutoff Current
ICBO
0.1
10
μA
μA
VCB = 60V, IE = 0
VCB = 60V, IE = 0, TA = 100°C
Emitter Cutoff Current
IEBO
0.1
μA
VEB = 4V, IC = 0
On Characteristics (Note 5)
Collector-Emitter Saturation Voltage
VCE(SAT)
0.08
0.23
0.3
0.6
V
V
IC = 1A, IB = 100mA
IC = 3A, IB = 300mA
Base-Emitter Saturation Voltage
VBE(SAT)
0.85
1.25
V
IC = 1A, IB = 100mA
Base-Emitter Turn-On Voltage
VBE(ON)
0.8
1
V
VCE = 2V, IC = 1A
DC Current Gain
hFE
70
100
80
40
200
200
185
120
300
VCE = 2V, IC = 50mA
VCE = 2V, IC = 500mA
VCE = 2V, IC = 1A
VCE = 2V, IC = 2A
AC Characteristics
Transition Frequency
fT
140
200
MHz
VCE = 5V, IC = 100mA, f = 100MHz
Output Capacitance
Cobo
30
pF
VCB = 10V, f = 1MHz
Switching Times
ton
toff
35
230
ns
ns
VCC = 10V, IC = 500mA
IB1 = IB2 = 50mA
Notes:
5. Pulse Test: Pulse width
≤300μs. Duty cycle ≤2.0%.
0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation vs. Ambient Temperature (Note 3)
A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
01
2
3
4
V
, COLLECTOR EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current vs.Collector-Emitter Voltage
5
I = 2mA
B
I = 4mA
B
I = 6mA
B
I = 8mA
B
I = 10mA
B
DS30809 Rev. 3 - 2
2 of 4
www.diodes.com
DZT651
© Diodes Incorporated


Similar Part No. - DZT651

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT658 DIODES-DZT658 Datasheet
152Kb / 3P
   NPN SURFACE MOUNT TRANSISTOR
DZT658-13 DIODES-DZT658-13 Datasheet
152Kb / 3P
   NPN SURFACE MOUNT TRANSISTOR
More results

Similar Description - DZT651

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DJT4031N DIODES-DJT4031N_15 Datasheet
114Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4160U DIODES-DSS4160U_15 Datasheet
173Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2678 DIODES-2DD2678_15 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4540X DIODES-DSS4540X_15 Datasheet
114Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4140U DIODES-DSS4140U Datasheet
118Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS20201L DIODES-DSS20201L Datasheet
126Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2661 DIODES-2DD2661 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2678 DIODES-2DD2678 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4160V DIODES-DSS4160V Datasheet
120Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2098R DIODES-2DD2098R_15 Datasheet
182Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2656 DIODES-2DD2656 Datasheet
97Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com