Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD3S160 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PD3S160
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3S160 Datasheet(HTML) 1 Page - Diodes Incorporated

  PD3S160_08 Datasheet HTML 1Page - Diodes Incorporated PD3S160_08 Datasheet HTML 2Page - Diodes Incorporated PD3S160_08 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PD3S160
Document number: DS30899 Rev. 6 - 2
1 of 3
www.diodes.com
June 2008
© Diodes Incorporated
PD3S160
PowerDI is a registered trademark of Diodes Incorporated.
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PowerDI
®323
Features
Guard Ring Die Construction for Transient Protection
High Surge Capability
Lead Free Finish, RoHS Compliant (Note 1)
"Green" Molding Compound (No Br, Sb)
Qualified to AEC-Q101 Standards for High Reliability
Ultra-Small Surface Mount Package
Mechanical Data
Case: PowerDI
®323
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Polarity: Cathode Band
Terminals: Finish - Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.006 grams (approximate)
Top View
Bottom View
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Average Forward Current (See also figure 4)
IF(AV)
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
22
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
6
°C/W
Thermal Resistance Junction to Ambient Air (Note 2)
RθJA
173
°C/W
Thermal Resistance Junction to Ambient Air (Note 3)
RθJA
125
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 4)
V(BR)R
60
V
IR = 100μA
Forward Voltage
VF
0.40
0.55
0.45
0.58
0.64
V
IF = 0.1A
IF = 0.7A
IF = 1.0A
Leakage Current (Note 4)
IR
0.3
3
5
50
μA
VR = 5V, TA = 25°C
VR = 60V, TA = 25°C
Total Capacitance (See also figure 3)
CT
38
pF
VR = 10V, f = 1.0MHz
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf. TA = 25°C.
3. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf. TA = 25°C.
4. Short duration pulse test used to minimize self-heating effect.
Please click here to visit our online spice models database.


Similar Part No. - PD3S160_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3S160-7 DIODES-PD3S160-7 Datasheet
86Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI 323
DS30899 Rev. 4 - 2
PD3S160Q DIODES-PD3S160Q Datasheet
191Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
PD3S160Q-7 DIODES-PD3S160Q-7 Datasheet
191Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2014
PD3S160Q-7 DIODES-PD3S160Q-7 Datasheet
191Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
PD3S160Q DIODES-PD3S160Q_15 Datasheet
195Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI짰323
More results

Similar Description - PD3S160_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com