Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5223BW Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMBZ5223BW
Description  200mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5223BW Datasheet(HTML) 4 Page - Diodes Incorporated

  MMBZ5223BW Datasheet HTML 1Page - Diodes Incorporated MMBZ5223BW Datasheet HTML 2Page - Diodes Incorporated MMBZ5223BW Datasheet HTML 3Page - Diodes Incorporated MMBZ5223BW Datasheet HTML 4Page - Diodes Incorporated MMBZ5223BW Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBZ5221BW - MMBZ5259BW
Document number: DS31037 Rev. 13 - 2
4 of 5
www.diodes.com
April 2009
© Diodes Incorporated
MMBZ5221BW - MMBZ5259BW
Package Outline Dimensions
Suggested Pad Layout
SOT-323
Dim
Min
Max
Typ
A
0.25
0.40
0.30
B
1.15
1.35
1.30
C
2.00
2.20
2.10
D
-
-
0.65
G
1.20
1.40
1.30
H
1.80
2.20
2.15
J
0.0
0.10
0.05
K
0.90
1.00
1.00
L
0.25
0.40
0.30
M
0.10
0.18
0.11
α
-
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.8
X
0.7
Y
0.9
C
1.9
E
1.0
A
M
J
L
D
B C
H
K
G
X
E
Y
C
Z


Similar Part No. - MMBZ5223BW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5223BW PANJIT-MMBZ5223BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diode Semiconductor Kor...
MMBZ5223BW DSK-MMBZ5223BW Datasheet
266Kb / 4P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5223BW DIODES-MMBZ5223BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Micro Commercial Compon...
MMBZ5223BW MCC-MMBZ5223BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
logo
Weitron Technology
MMBZ5223BW WEITRON-MMBZ5223BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results

Similar Description - MMBZ5223BW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com