Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5225BW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBZ5225BW
Description  200mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5225BW Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBZ5225BW Datasheet HTML 1Page - Diodes Incorporated MMBZ5225BW Datasheet HTML 2Page - Diodes Incorporated MMBZ5225BW Datasheet HTML 3Page - Diodes Incorporated MMBZ5225BW Datasheet HTML 4Page - Diodes Incorporated MMBZ5225BW Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBZ5221BW - MMBZ5259BW
Document number: DS31037 Rev. 13 - 2
1 of 5
www.diodes.com
April 2009
© Diodes Incorporated
MMBZ5221BW - MMBZ5259BW
200mW SURFACE MOUNT ZENER DIODE
Features
Planar Die Construction
Ultra-Small Surface Mount Package
General Purpose
Ideally Suited for Automated Assembly Processes
Lead Free/RoHS Compliant (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
"Green" Device (Notes 3 and 4)
Mechanical Data
Case: SOT-323
Case Material: Molded Plastic, "Green" Molding Compound
(Note 4). UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.006 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Product manufactured with date code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date
code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Top View
Device Schematic
Please click here to visit our online spice models database.


Similar Part No. - MMBZ5225BW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5225BW PANJIT-MMBZ5225BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diode Semiconductor Kor...
MMBZ5225BW DSK-MMBZ5225BW Datasheet
266Kb / 4P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5225BW DIODES-MMBZ5225BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Micro Commercial Compon...
MMBZ5225BW MCC-MMBZ5225BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
logo
Weitron Technology
MMBZ5225BW WEITRON-MMBZ5225BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results

Similar Description - MMBZ5225BW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com