Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5221BS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMSZ5221BS
Description  SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSZ5221BS Datasheet(HTML) 2 Page - Diodes Incorporated

  MMSZ5221BS Datasheet HTML 1Page - Diodes Incorporated MMSZ5221BS Datasheet HTML 2Page - Diodes Incorporated MMSZ5221BS Datasheet HTML 3Page - Diodes Incorporated MMSZ5221BS Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMSZ5221BS -MMSZ5259BS
Document number: DS31038 Rev. 12 - 2
2 of 4
www.diodes.com
June 2008
© Diodes Incorporated
MMSZ5221BS - MMSZ5259BS
Electrical Characteristics @TA = 25°C unless otherwise specified
Zener Voltage Range (Note 5)
Test
Current
Maximum Zener
Impedance (Note 6)
Maximum Reverse
Leakage Current (Note 5)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
= 0.25mA
IR
@ VR
Type
Number
Marking
Code
Nom (V)
Min (V)
Max (V)
mA
Ω
μA
V
MMSZ5221BS
C1
2.4
2.28
2.52
20
30
1200
100
1.0
MMSZ5223BS
C3
2.7
2.57
2.84
20
30
1300
75
1.0
MMSZ5225BS
C5
3.0
2.85
3.15
20
30
1600
50
1.0
MMSZ5226BS
G1
3.3
3.14
3.47
20
28
1600
25
1.0
MMSZ5227BS
G2
3.6
3.42
3.78
20
24
1700
15
1.0
MMSZ5228BS
G3
3.9
3.71
4.10
20
23
1900
10
1.0
MMSZ5229BS
G4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMSZ5230BS
G5
4.7
4.4 7
4.94
20
19
1900
5.0
2.0
MMSZ5231BS
E1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMSZ5232BS
E2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMSZ5233BS
E3
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMSZ5234BS
E4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMSZ5235BS
E5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMSZ5236BS
F1
7.5
7.13
7.88
20
6
500
3.0
6.0
MMSZ5237BS
F2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMSZ5238BS
F3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMSZ5239BS
F4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMSZ5240BS
F5
10
9.50
10.50
20
17
600
3.0
8.0
MMSZ5241BS
H1
11
10.45
11.55
20
22
600
2.0
8.4
MMSZ5242BS
H2
12
11.40
12.60
20
30
600
1.0
9.1
MMSZ5243BS
H3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMSZ5245BS
H5
15
14.25
15.75
8.5
16
600
0.1
11
MMSZ5246BS
J1
16
15.20
16.80
7.8
17
600
0.1
12
MMSZ5248BS
J3
18
17.10
18.90
7.0
21
600
0.1
14
MMSZ5250BS
J5
20
19.00
21.00
6.2
25
600
0.1
15
MMSZ5251BS
K1
22
20.90
23.10
5.6
29
600
0.1
17
MMSZ5252BS
K2
24
22.80
25.20
5.2
33
600
0.1
18
MMSZ5254BS
K4
27
25.65
28.35
5.0
41
600
0.1
21
MMSZ5255BS
K5
28
26.60
29.40
4.5
44
600
0.1
21
MMSZ5256BS
M1
30
28.50
31.50
4.2
49
600
0.1
23
MMSZ5257BS
M2
33
31.35
34.65
3.8
58
700
0.1
25
MMSZ5258BS
M3
36
34.20
37.80
3.4
70
700
0.1
27
MMSZ5259BS
M4
39
37.05
40.95
3.2
80
800
0.1
30
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6.
f = 1KHz.


Similar Part No. - MMSZ5221BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5221BS PANJIT-MMSZ5221BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMSZ5221BS DIODES-MMSZ5221BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Yea Shin Technology Co....
MMSZ5221BS YEASHIN-MMSZ5221BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Diodes Incorporated
MMSZ5221BS DIODES-MMSZ5221BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results

Similar Description - MMSZ5221BS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com