Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2240UDM Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP2240UDM
Description  DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2240UDM Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP2240UDM Datasheet HTML 1Page - Diodes Incorporated DMP2240UDM Datasheet HTML 2Page - Diodes Incorporated DMP2240UDM Datasheet HTML 3Page - Diodes Incorporated DMP2240UDM Datasheet HTML 4Page - Diodes Incorporated DMP2240UDM Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMP2240UDM
Document number: DS31197 Rev. 5 - 2
3 of 5
www.diodes.com
April 2010
© Diodes Incorporated
DMP2240UDM
I = 1.0A
D
V
= -2.5V
GS
V
= -4.5V
GS
V
= -1.8V
GS
T = 25°C
A
V
= -1.8V
GS
V
= -2.5V
GS
V
= -4.5V
GS
V
= -10V
GS
0.00
0.10
0.20
0.30
01
2
3
4
5
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
V
= -4.5V
GS
0
100
200
300
400
500
600
02
4
68
10
12
14
16
18 20
f = 1MHz
C
iss
Coss
Crss
0
0.03
0.06
0.09
0.12
0.15
0.18
0.21
0.24
0.27
0.3
-50
-25
0
25
50
75
100
125 150
V
= -1.8V
I = -200mA
GS
D
V
= -2.5V
I = -670mA
GS
D
V
= -4.5V
I = -950mA
GS
D
100
1,000
10,000
2
4
6
8
10
12
14
16
18
20
V
= 0V
GS
T = 150°C
j
T = 125°C
j


Similar Part No. - DMP2240UDM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2240UDM DIODES-DMP2240UDM_15 Datasheet
168Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMP2240UDM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com