Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK10N256VFT150 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MK10N256VFT150
Description  K10 Sub-Family Data Sheet
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK10N256VFT150 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MK10N256VFT150 Datasheet HTML 3Page - Freescale Semiconductor, Inc MK10N256VFT150 Datasheet HTML 4Page - Freescale Semiconductor, Inc MK10N256VFT150 Datasheet HTML 5Page - Freescale Semiconductor, Inc MK10N256VFT150 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK10N256VFT150 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK10N256VFT150 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK10N256VFT150 Datasheet HTML 9Page - Freescale Semiconductor, Inc MK10N256VFT150 Datasheet HTML 10Page - Freescale Semiconductor, Inc MK10N256VFT150 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
3.4 Definition: Rating
A rating is a minimum or maximum value of a technical characteristic that, if exceeded,
may cause permanent chip failure:
• Operating ratings apply during operation of the chip.
• Handling ratings apply when the chip is not powered.
3.4.1 Example
This is an example of an operating rating:
Symbol
Description
Min.
Max.
Unit
VDD
1.0 V core supply volt‐
age
–0.3
1.2
V
3.5 Result of exceeding a rating
40
30
20
10
0
Measured characteristic
Operating rating
The likelihood of permanent chip failure increases rapidly as
soon as a characteristic begins to exceed one of its operating ratings.
Terminology and guidelines
K10 Sub-Family Data Sheet Data Sheet, Rev. 1, 11/2010.
Freescale Semiconductor, Inc.
Preliminary
7


Similar Part No. - MK10N256VFT150

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK10N512VLK100 FREESCALE-MK10N512VLK100 Datasheet
1Mb / 64P
   K10 Sub-Family Data Sheet Supports the following Flash write voltage range: 1.71 to 3.6 V
MK10N512VLL100 FREESCALE-MK10N512VLL100 Datasheet
882Kb / 60P
   K10 Sub-Family Data Sheet
MK10N512VLQ100 FREESCALE-MK10N512VLQ100 Datasheet
1Mb / 71P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
MK10N512VLQ100 FREESCALE-MK10N512VLQ100 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
MK10N512VMB100 FREESCALE-MK10N512VMB100 Datasheet
1Mb / 64P
   K10 Sub-Family Data Sheet Supports the following Flash write voltage range: 1.71 to 3.6 V
More results

Similar Description - MK10N256VFT150

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P144M120SF3 FREESCALE-K10P144M120SF3 Datasheet
1Mb / 75P
   K10 Sub-Family Data Sheet
K10P104M100SF2 FREESCALE-K10P104M100SF2 Datasheet
882Kb / 60P
   K10 Sub-Family Data Sheet
K10P144M100SF2_1109 FREESCALE-K10P144M100SF2_1109 Datasheet
1Mb / 70P
   K10 Sub-Family Data Sheet
K10P32M50SF0 FREESCALE-K10P32M50SF0 Datasheet
1Mb / 57P
   K10 Sub-Family
logo
NXP Semiconductors
K10P144M120SF3 NXP-K10P144M120SF3 Datasheet
1Mb / 80P
   K10 Sub-Family
Rev. 7, 02/2018
K10P81M100SF2 NXP-K10P81M100SF2 Datasheet
2Mb / 71P
   K10 Sub-Family
Rev. 7, 02/2013
logo
Freescale Semiconductor...
K10P121M100SF2V2 FREESCALE-K10P121M100SF2V2 Datasheet
1Mb / 70P
   K10 Sub-Family
K10P48M50SF0 FREESCALE-K10P48M50SF0 Datasheet
1Mb / 59P
   K10 Sub-Family
K10P100M72SF1 FREESCALE-K10P100M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com