Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1660N Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1660N
Description  2-Phase Unipolar Brushless Motor Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1660N Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1660N Datasheet HTML 1Page - Sanyo Semicon Device LB1660N Datasheet HTML 2Page - Sanyo Semicon Device LB1660N Datasheet HTML 3Page - Sanyo Semicon Device LB1660N Datasheet HTML 4Page - Sanyo Semicon Device LB1660N Datasheet HTML 5Page - Sanyo Semicon Device LB1660N Datasheet HTML 6Page - Sanyo Semicon Device LB1660N Datasheet HTML 7Page - Sanyo Semicon Device LB1660N Datasheet HTML 8Page - Sanyo Semicon Device LB1660N Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Classification
The LB1660 series are classified by the package and whether the on-chip output stage zener diode is used or not, as follows.
Output stage zener diode
Package
With (VZ = 59 V) Without (Vor = 85 V)
DIP8 (Pd = 1.2 W)
LB1660N
LB1661
DIP16F (Pd = 2.0 W)
LB1664N
LB1665
It is recommended to use the LB1661, 1665 in the following cases.
1 A capacitor is connected across the output and GND and the back emf is more than V
Z =59 V
2 External zener diodes are connected to absorb the kickback voltage.
Pin Assignments
Truth Table
IN+
IN−
CR
OUT1
OUT2
HL
LH
L
LHL
LH
H
L
HHH
L
HHHH
Top view
LB1660N, 1661, 1664N, 1665
No.2551-2/9


Similar Part No. - LB1660N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1662D SANYO-LB1662D Datasheet
72Kb / 6P
   DC Fan Motor Drivers
LB1662M SANYO-LB1662M Datasheet
72Kb / 6P
   DC Fan Motor Drivers
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
   2-Phase Unipolar Brushless Motor Drivers
More results

Similar Description - LB1660N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
   2-Phase Unipolar Brushless Motor Drivers
logo
ON Semiconductor
LB1668 ONSEMI-LB1668 Datasheet
90Kb / 8P
   2-Phase Unipolar Brushless Motor Drivers
May, 2013
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
   Two-Phase Unipolar Drive Brushless Motor Drivers
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Sanyo Semicon Device
LB1669 SANYO-LB1669 Datasheet
69Kb / 5P
   2-Phase Unipolar Brushless Motor Driver
logo
ON Semiconductor
LB1668M ONSEMI-LB1668M Datasheet
254Kb / 10P
   2?릔hase Unipolar Brushless Motor Driver
March, 2018 ??Rev. 1
logo
Sanken electric
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com