Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP3056LSS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3056LSS
Description  SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3056LSS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3056LSS Datasheet HTML 1Page - Diodes Incorporated DMP3056LSS Datasheet HTML 2Page - Diodes Incorporated DMP3056LSS Datasheet HTML 3Page - Diodes Incorporated DMP3056LSS Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMP3056LSS
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-1
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
±100
±800
nA
VGS = ±20V, VDS = 0V
VGS = ±25V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-1
1.7
-2.1
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
45
65
m
Ω
VGS = -10V, ID = -6.0A
VGS = -4.5V, ID = -5.0A
Forward Transconductance
gfs
8
S
VDS = -10V, ID = -5.3A
Diode Forward Voltage (Note 5)
VSD
-0.5
-1.2
V
VGS = 0V, IS = -1.7A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
722
pF
Output Capacitance
Coss
114
pF
Reverse Transfer Capacitance
Crss
92
pF
VDS = -25V, VGS = 0V
f = 1.0MHz
Gate Resistance
RG
3.3
Ω
VDS = 0V, VGS = 0V
f = 1.0MHz
SWITCHING CHARACTERISTICS
QG
6.8
nC
VDS = -15V, VGS = -4.5V,
ID = -6A
Total Gate Charge
QG
13.7
Gate-Source Charge
QGS
1.6
Gate-Drain Charge
QGD
4.18
nC
VDS = -15V, VGS = -10V,
ID = -6A
Turn-On Delay Time
td(on)
6.4
Rise Time
tr
5.3
Turn-Off Delay Time
td(off)
26.5
Fall Time
tf
14.7
ns
VDS = -15V, VGS = -10V,
ID = -1A, RG = 6.0Ω
Notes:
5. Short duration pulse test used to minimize self-heating effect.
Fig. 1 Typical Output Characteristics
0
1
2
3
4
5
6
7
8
9
10
11
12
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= -10V
GS
V
= -4.5V
GS
V
= -3.0V
GS
V
= -2.5V
GS
V
= -1.5V
V
= -1.0V
GS
GS
Fig. 2 Typical Transfer Characteristics
0
1
2
3
4
5
6
7
8
9
10
-V
, GATE SOURCE VOLTAGE (V)
GS
1
1.5
2
2.5
3
3.5
4
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5V
Pulsed
DS
DMP3056LSS
Document number: DS31419 Rev. 6 - 2
2 of 4
www.diodes.com
September 2008
© Diodes Incorporated


Similar Part No. - DMP3056LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3056LSS DIODES-DMP3056LSS Datasheet
600Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSS-13 DIODES-DMP3056LSS-13 Datasheet
600Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSS DIODES-DMP3056LSS_15 Datasheet
176Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSS DIODES-DMP3056LSS_17 Datasheet
600Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMP3056LSS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS8435A FAIRCHILD-NDS8435A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP3056LSS DIODES-DMP3056LSS_17 Datasheet
600Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Fairchild Semiconductor
FDS9435A FAIRCHILD-FDS9435A Datasheet
66Kb / 5P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS8434A FAIRCHILD-NDS8434A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS9435A FAIRCHILD-NDS9435A Datasheet
219Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP3098LSS DIODES-DMP3098LSS_15 Datasheet
206Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Fairchild Semiconductor
NDS8433 FAIRCHILD-NDS8433 Datasheet
332Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS8435 FAIRCHILD-NDS8435 Datasheet
330Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS9400A FAIRCHILD-NDS9400A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMG4413LSS DIODES-DMG4413LSS Datasheet
90Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com