Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4753A Datasheet(PDF) 3 Page - Diotech Company.

Part # 1N4753A
Description  1W EPITAXIAL ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

1N4753A Datasheet(HTML) 3 Page - Diotech Company.

  1N4753A Datasheet HTML 1Page - Diotech Company. 1N4753A Datasheet HTML 2Page - Diotech Company. 1N4753A Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
1N4728A THRU 1N4764A
FIG.1 -- BREAKDOWN CHARACTERISTICS
FIG.2 -- ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE
W
1.0
0.8
0.6
0.2
0.4
0
0
100
200℃
Ptot
Tamb
mA
0
5
10
IZ
20
15
30 V
25
VZ
20
40
60
80
100


Similar Part No. - 1N4753A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4753A SECOS-1N4753A Datasheet
149Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
1N4753A VISHAY-1N4753A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4753A FAIRCHILD-1N4753A Datasheet
666Kb / 4P
   Zener Diodes
logo
Taiwan Semiconductor Co...
1N4753A TSC-1N4753A Datasheet
626Kb / 5P
   1.0 Watts Glass Passivated Junction Silicon Zener Diode
logo
Continental Device Indi...
1N4753A CDIL-1N4753A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
More results

Similar Description - 1N4753A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
1N4728A DIOTECH-1N4728A Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
DL4728A DIOTECH-DL4728A Datasheet
902Kb / 3P
   1W EPITAXIAL ZENER DIODE
ZM4728A DIOTECH-ZM4728A Datasheet
901Kb / 3P
   1W EPITAXIAL ZENER DIODE
logo
Jinan Gude Electronic D...
1N4728A JGD-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
DIYI Electronic Technol...
1SMA4728A DYELEC-1SMA4728A Datasheet
107Kb / 1P
   ZENER DIODE 1W
logo
List of Unclassifed Man...
1N4728A ETC-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Shenzhen Taychipst Elec...
1N5221B TAYCHIPST-1N5221B Datasheet
4Mb / 2P
   EPITAXIAL ZENER DIODE
logo
NEC
RD4.7P NEC-RD4.7P Datasheet
258Kb / 6P
   1W POWER MINI MOLD ZENER DIODE
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
   1W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com