Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2050L-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN2050L-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2050L-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN2050L-7 Datasheet HTML 1Page - Diodes Incorporated DMN2050L-7 Datasheet HTML 2Page - Diodes Incorporated DMN2050L-7 Datasheet HTML 3Page - Diodes Incorporated DMN2050L-7 Datasheet HTML 4Page - Diodes Incorporated DMN2050L-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DMN2050L
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
Fig. 9 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) * R
R
= 88°C/W
θθ
θ
JA
JA
JA
P(pk)
t1
t2
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
Ordering Information (Note 7)
Part Number
Case
Packaging
DMN2050L-7
SOT-23
3000/Tape & Reel
Notes:
7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
MN3
MN3 = Marking Code
YM = Date Code Marking
Y = Year (ex: V = 2008)
M = Month (ex: 9 = September)
Date Code Key
Year
2008
2009
2010
2011
2012
2013
2014
2015
Code
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
SOT-23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
-
All Dimensions in mm
A
M
J
L
D
F
B C
H
K
G
K1
DMN2050L
Document number: DS31502 Rev. 3 - 2
4 of 5
www.diodes.com
October 2008
© Diodes Incorporated


Similar Part No. - DMN2050L-7

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
DMN2050L ZPSEMI-DMN2050L Datasheet
217Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Microchip Technology
DMN2050LDICT-ND MICROCHIP-DMN2050LDICT-ND Datasheet
2Mb / 16P
   RN-171 802.11 b/g Wireless LAN Module
Version 3.21 10/2/2012
logo
Diodes Incorporated
DMN2050LFDB DIODES-DMN2050LFDB Datasheet
230Kb / 6P
   Low On-Resistance
DMN2050LFDB-13 DIODES-DMN2050LFDB-13 Datasheet
230Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2050LFDB-13 DIODES-DMN2050LFDB-13 Datasheet
230Kb / 6P
   Low On-Resistance
More results

Similar Description - DMN2050L-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com