Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURF1060 Datasheet(PDF) 2 Page - Diotech Company.

Part # MURF1060
Description  SUPER FAST RECOVERY SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MURF1060 Datasheet(HTML) 2 Page - Diotech Company.

  MURF1060 Datasheet HTML 1Page - Diotech Company. MURF1060 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MURF1005 THRU MURF1060
RATINGS AND CHARACTERISTIC CURVES
30
60
90
0
120
150
180
0
0
1
0
1
1
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
10030 - 1060
1005 - 1020
0
2
4
6
8
10
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
1060
1030 - 1040
1005 - 1020


Similar Part No. - MURF1060

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MURF1060 SMC-MURF1060 Datasheet
98Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
logo
Kersemi Electronic Co.,...
MURF1060 KERSEMI-MURF1060 Datasheet
1Mb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
DIYI Electronic Technol...
MURF1060 DYELEC-MURF1060 Datasheet
1Mb / 3P
   Low power loss, high efficiency
logo
Microdiode Electronics ...
MURF1060 CHENDA-MURF1060 Datasheet
958Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
MURF1060 SAMYANG-MURF1060 Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
More results

Similar Description - MURF1060

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SF51 DIOTECH-SF51 Datasheet
659Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
MUR440 DIOTECH-MUR440 Datasheet
905Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
SF22 DIOTECH-SF22 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
MURF805 DIOTECH-MURF805 Datasheet
718Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
SF32 DIOTECH-SF32 Datasheet
678Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SF51-DO27 YFWDIODE-SF51-DO27 Datasheet
356Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Diotech Company.
MURF2005CT DIOTECH-MURF2005CT Datasheet
1Mb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Kersemi Electronic Co.,...
MURF1005 KERSEMI-MURF1005 Datasheet
1Mb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Diotech Company.
SF21 DIOTECH-SF21 Datasheet
663Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
MURF2005 DIOTECH-MURF2005 Datasheet
1,004Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com