Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB150A Datasheet(PDF) 2 Page - Diotech Company.

Part # P6SMB150A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

P6SMB150A Datasheet(HTML) 2 Page - Diotech Company.

  P6SMB150A Datasheet HTML 1Page - Diotech Company. P6SMB150A Datasheet HTML 2Page - Diotech Company. P6SMB150A Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P6SMB6.8 THRU P6SMB440CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Breakdown
Voltage - 6.8 to 440 Volts
Peak Pulse Power - 600 Watt
UNI- POLAR BI-POLAR(1)
UNI
BI
P6SMB6.8A
P6SMB7.5A
P6SMB8.2A
P6SMB9.1A
P6SMB10A
P6SMB11A
P6SMB12A
P6SMB13A
P6SMB15A
P6SMB16A
P6SMB18A
P6SMB20A
P6SMB22A
P6SMB24A
P6SMB27A
P6SMB30A
P6SMB33A
P6SMB36A
P6SMB39A
P6SMB43A
P6SMB47A
P6SMB51A
P6SMB56A
P6SMB62A
P6SMB68A
P6SMB75A
P6SMB82A
P6SMB91A
P6SMB100A
P6SMB110A
P6SMB120A
P6SMB130A
P6SMB150A
P6SMB160A
P6SMB170A
P6SMB180A
P6SMB200A
P6SMB220A
P6SMB250A
P6SMB300A
P6SMB350A
P6SMB400A
P6SMB440A
P6SMB6.8CA
P6SMB7.5CA
P6SMB8.2CA
P6SMB9.1CA
P6SMB10CA
P6SMB11CA
P6SMB12CA
P6SMB13CA
P6SMB15CA
P6SMB16CA
P6SMB18CA
P6SMB20CA
P6SMB22CA
P6SMB24CA
P6SMB27CA
P6SMB30CA
P6SMB33CA
P6SMB36CA
P6SMB39CA
P6SMB43CA
P6SMB47CA
P6SMB51CA
P6SMB56CA
P6SMB62CA
P6SMB68CA
P6SMB75CA
P6SMB82CA
P6SMB91CA
P6SMB100CA
P6SMB110CA
P6SMB120CA
P6SMB130CA
P6SMB150CA
P6SMB160CA
P6SMB170CA
P6SMB180CA
P6SMB200CA
P6SMB220CA
P6SMB250CA
P6SMB300CA
P6SMB350CA
P6SMB400CA
P6SMB440CA
6V8A
5.80
6.45
10
10.5
58.1
1000
7V5A
6.40
7.13
10
11.3
54.0
800
8V2A
7.02
7.79
10
12.1
50.4
200
9V1A
7.78
8.65
10
13.4
45.5
50
10A
8.55
9.50
1
14.5
42.1
10
11A
9.40
10.50
1
15.6
39.1
5
12A
10.20
11.40
1
16.7
36.5
5
13A
11.10
12.40
1
18.2
33.5
5
15A
12.80
14.30
1
21.2
28.8
5
16A
13.60
15.20
1
22.5
27.1
5
18A
15.30
17.10
1
25.5
24.2
5
20A
17.10
19.00
1
27.7
22.0
5
22A
18.80
20.90
1
30.6
19.9
5
24A
20.50
22.80
1
33.2
18.4
5
27A
23.10
25.70
1
37.5
16.3
5
30A
25.60
28.50
1
41.4
14.7
5
33A
28.20
31.40
1
45.7
13.3
5
36A
30.80
34.20
1
49.9
12.2
5
39A
33.30
37.10
1
53.9
11.3
5
43A
36.80
40.90
1
59.3
10.3
5
47A
40.20
44.70
1
64.8
9.4
5
51A
43.60
48.50
1
70.1
8.7
5
56A
47.80
53.20
1
77.0
7.9
5
62A
53.00
58.90
1
85.0
7.2
5
68A
58.10
64.60
1
92.0
6.6
5
75A
64.10
71.30
1
103.0
5.9
5
82A
70.10
77.90
1
113.0
5.4
5
91A
77.80
86.50
1
125.0
4.9
5
100A
85.50
95.00
1
137.0
4.5
5
110A
94.00
105.00
1
152.0
4.0
5
120A
102.00
114.00
1
165.0
3.7
5
130A
111.00
124.00
1
179.0
3.4
5
150A
128.00
143.00
1
207.0
2.9
5
160A
136.00
152.00
1
219.0
2.8
5
170A
145.00
162.00
1
234.0
2.6
5
180A
154.00
171.00
1
246.0
2.5
5
200A
171.00
190.00
1
274.0
2.2
5
220A
185.00
209.00
1
328.0
1.9
5
250A
214.00
237.00
1
344.0
1.8
5
300A
256.00
285.00
1
414.0
1.5
5
350A
300.00
332.00
1
482.0
1.3
5
400A
342.00
380.00
1
548.0
1.1
5
440A
376.00
418.00
1
602.0
1.0
5
6V8C
7V5C
8V2C
9V1C
10C
11C
12C
13C
15C
16C
18C
20C
22C
24C
27C
30C
33C
36C
39C
43C
47C
51C
56C
62C
68C
75C
82C
91C
100C
110C
120C
130C
150C
160C
170C
180C
200C
220C
250C
300C
350C
400C
440C
7.14
7.88
8.61
9.55
10.50
11.60
12.50
13.70
15.80
16.80
18.90
21.00
23.10
25.20
28.40
31.50
34.70
37.80
41.00
45.20
49.40
53.60
58.80
65.10
71.40
78.80
86.10
95.50
105.00
116.00
126.00
137.00
158.00
168.00
179.00
189.00
210.00
231.00
263.00
315.00
368.00
420.00
462.00
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
for parts without A , the VBR is +
+
10%.
BREAK DOWN
VOLTAGE
VBR(V)(1)
VBR(V)(2)
MAX.@IT
TEST
CURRE
NT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
DEVICE
MARKING
CODE
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
MIN.@IT
REVERSE
LEAKAGE
@ VRWM
IR(µA)(3)
NOTE: 1. Suffix C denotes Bi-direction device, Suffix A denotes the V is 5%
BR
2. V messured with I Current pulse=300us.
BR
T
3.


Similar Part No. - P6SMB150A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB150A CENTRAL-P6SMB150A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Vishay Siliconix
P6SMB150A VISHAY-P6SMB150A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
EIC discrete Semiconduc...
P6SMB150A EIC-P6SMB150A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P6SMB150A CHENDA-P6SMB150A Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
Vishay Siliconix
P6SMB150A VISHAY-P6SMB150A Datasheet
96Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - P6SMB150A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com