Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV320MTXBC-70R Datasheet(PDF) 6 Page - Macronix International

Part # MX29LV320MTXBC-70R
Description  32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV320MTXBC-70R Datasheet(HTML) 6 Page - Macronix International

Back Button MX29LV320MTXBC-70R Datasheet HTML 2Page - Macronix International MX29LV320MTXBC-70R Datasheet HTML 3Page - Macronix International MX29LV320MTXBC-70R Datasheet HTML 4Page - Macronix International MX29LV320MTXBC-70R Datasheet HTML 5Page - Macronix International MX29LV320MTXBC-70R Datasheet HTML 6Page - Macronix International MX29LV320MTXBC-70R Datasheet HTML 7Page - Macronix International MX29LV320MTXBC-70R Datasheet HTML 8Page - Macronix International MX29LV320MTXBC-70R Datasheet HTML 9Page - Macronix International MX29LV320MTXBC-70R Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
6
P/N:PM1129
REV. 1.1 , JUL. 14, 2005
MX29LV320MT/B
Sector
Sector
Sector Address
Sector Size
(x8)
(x16)
Group
A20-A12
(Kbytes/Kwords)
Address Range
Address Range
1
SA0
000000xxx
64/32
000000h-00FFFFh
000000h-07FFFh
1
SA1
000001xxx
64/32
010000h-01FFFFh
008000h-0FFFFh
1
SA2
000010xxx
64/32
020000h-02FFFFh
010000h-17FFFh
1
SA3
000011xxx
64/32
030000h-03FFFFh
018000h-01FFFFh
2
SA4
000100xxx
64/32
040000h-04FFFFh
020000h-027FFFh
2
SA5
000101xxx
64/32
050000h-05FFFFh
028000h-02FFFFh
2
SA6
000110xxx
64/32
060000h-06FFFFh
030000h-037FFFh
2
SA7
000111xxx
64/32
070000h-07FFFFh
038000h-03FFFFh
3
SA8
001000xxx
64/32
080000h-08FFFFh
040000h-047FFFh
3
SA9
001001xxx
64/32
090000h-09FFFFh
048000h-04FFFFh
3
SA10
001010xxx
64/32
0A0000h-0AFFFFh
050000h-057FFFh
3
SA11
001011xxx
64/32
0B0000h-0BFFFFh
058000h-05FFFFh
4
SA12
001100xxx
64/32
0C0000h-0CFFFFh
060000h-067FFFh
4
SA13
001101xxx
64/32
0D0000h-0DFFFFh
068000h-06FFFFh
4
SA14
001110xxx
64/32
0E0000h-0EFFFFh
070000h-077FFFh
4
SA15
001111xxx
64/32
0F0000h-0FFFFFh
078000h-07FFFFh
5
SA16
010000xxx
64/32
100000h-10FFFFh
080000h-087FFFh
5
SA17
010001xxx
64/32
110000h-11FFFFh
088000h-08FFFFh
5
SA18
010010xxx
64/32
120000h-12FFFFh
090000h-097FFFh
5
SA19
010011xxx
64/32
130000h-13FFFFh
098000h-09FFFFh
6
SA20
010100xxx
64/32
140000h-14FFFFh
0A0000h-0A7FFFh
6
SA21
010101xxx
64/32
150000h-15FFFFh
0A8000h-0AFFFFh
6
SA22
010110xxx
64/32
160000h-16FFFFh
0B0000h-0B7FFFh
6
SA23
010111xxx
64/32
170000h-17FFFFh
0B8000h-0BFFFFh
7
SA24
011000xxx
64/32
180000h-18FFFFh
0C0000h-0C7FFFh
7
SA25
011001xxx
64/32
190000h-19FFFFh
0C8000h-0CFFFFh
7
SA26
011010xxx
64/32
1A0000h-1AFFFFh
0D0000h-0D7FFFh
7
SA27
011011xxx
64/32
1B0000h-1BFFFFh
0D8000h-0DFFFFh
8
SA28
011100xxx
64/32
1C0000h-1CFFFFh
0E0000h-0E7FFFh
8
SA29
011101xxx
64/32
1D0000h-1DFFFFh
0E8000h-0EFFFFh
8
SA30
011110xxx
64/32
1E0000h-1EFFFFh
0F0000h-0F7FFFh
8
SA31
011111xxx
64/32
1F0000h-1FFFFFh
0F8000h-0FFFFFh
9
SA32
100000xxx
64/32
200000h-20FFFFh
100000h-107FFFh
9
SA33
100001xxx
64/32
210000h-21FFFFh
108000h-10FFFFh
9
SA34
100010xxx
64/32
220000h-22FFFFh
110000h-117FFFh
9
SA35
100011xxx
64/32
230000h-23FFFFh
118000h-11FFFFh
10
SA36
100100xxx
64/32
240000h-24FFFFh
120000h-127FFFh
10
SA37
100101xxx
64/32
250000h-25FFFFh
128000h-12FFFFh
BLOCK STRUCTURE
MX29LV320MT SECTOR GROUP ARCHITECTURE


Similar Part No. - MX29LV320MTXBC-70R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MTXC-70G MCNIX-MX29LV320MTXC-70G Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MTXC-70R MCNIX-MX29LV320MTXC-70R Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MTXC-90G MCNIX-MX29LV320MTXC-90G Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MTXC-90R MCNIX-MX29LV320MTXC-90R Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MTXI-70G MCNIX-MX29LV320MTXI-70G Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV320MTXBC-70R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320AT MCNIX-MX29LV320AT Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com