Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DJT4031N Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DJT4031N
Description  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DJT4031N Datasheet(HTML) 1 Page - Diodes Incorporated

  DJT4031N Datasheet HTML 1Page - Diodes Incorporated DJT4031N Datasheet HTML 2Page - Diodes Incorporated DJT4031N Datasheet HTML 3Page - Diodes Incorporated DJT4031N Datasheet HTML 4Page - Diodes Incorporated DJT4031N Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DJT4031N
Document number: DS31603 Rev. 2 - 2
1 of 5
www.diodes.com
March 2009
© Diodes Incorporated
DJT4031N
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Features
Ideally Suited for Automated Assembly Processes
Complementary PNP Type Available (DJT4030P)
Low Collector-Emitter Saturation Voltage
Ideal for Medium Power Switching or Amplification Applications
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: SOT-223
Case Material: Molded Plastic, "Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Finish — Matte Tin annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Marking Information: See Page 4
Ordering Information: See Page 4
Weight: 0.115 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6
V
Peak Pulse Current
ICM
5
A
Continuous Collector Current
IC
3
A
Base Current
IB
1
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3) @ TA = 25°C
PD
1.2
W
Thermal Resistance, Junction to Ambient Air (Note 3) @ TA = 25°C
RθJA
104
°C/W
Power Dissipation (Note 4) @ TA = 25°C
PD
2
W
Thermal Resistance, Junction to Ambient Air (Note 4) @ TA = 25°C
RθJA
62.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB with minimum recommended pad layout.
4. Device mounted on FR-4 PCB with 1 inch
2 copper pad layout.
Top View
Device Schematic
Pin Out Configuration
4
3
2
1
C
C
B
E
3
1
2,4
COLLECTOR
EMITTER
BASE
Please click here to visit our online spice models database.


Similar Part No. - DJT4031N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DJT4031N DIODES-DJT4031N_15 Datasheet
114Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
More results

Similar Description - DJT4031N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DJT4031N DIODES-DJT4031N_15 Datasheet
114Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4160U DIODES-DSS4160U_15 Datasheet
173Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2678 DIODES-2DD2678_15 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4540X DIODES-DSS4540X_15 Datasheet
114Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4140U DIODES-DSS4140U Datasheet
118Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS20201L DIODES-DSS20201L Datasheet
126Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2661 DIODES-2DD2661 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2678 DIODES-2DD2678 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4160V DIODES-DSS4160V Datasheet
120Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2098R DIODES-2DD2098R_15 Datasheet
182Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2656 DIODES-2DD2656 Datasheet
97Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com