Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DB1697 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2DB1697
Description  LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1697 Datasheet(HTML) 2 Page - Diodes Incorporated

  2DB1697 Datasheet HTML 1Page - Diodes Incorporated 2DB1697 Datasheet HTML 2Page - Diodes Incorporated 2DB1697 Datasheet HTML 3Page - Diodes Incorporated 2DB1697 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2DB1697
Document number: DS31618 Rev. 2 - 2
2 of 4
www.diodes.com
December 2008
© Diodes Incorporated
2DB1697
0
0
T , AMBIENT TEMPERATURE ( C)
A
°
Note 3
Fig. 1 Power Dissipation vs. Ambient Temperature
0.4
0.8
1.2
1.6
2.0
25
50
75
100
125
150
Note 4
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
01
2
3
4
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage
I = -1mA
B
I = -2mA
B
I = -3mA
B
I = -4mA
B
I = -5mA
B
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 3 Typical DC Current Gain vs. Collector Current
100
10,000
1,000
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -4V
CE
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.001
0.01
0.1
1
I/I = 20
CB
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 150°C
A
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 5 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -4V
CE
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0.2
0.4
0.6
0.8
1.0
1.2
0
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
I
= 20
CB
/I


Similar Part No. - 2DB1697

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1697 DIODES-2DB1697_15 Datasheet
98Kb / 5P
   2DB1697_15
More results

Similar Description - 2DB1697

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPLS160 DIODES-DPLS160_15 Datasheet
171Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DXT751 DIODES-DXT751_15 Datasheet
170Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5140V DIODES-DSS5140V_15 Datasheet
122Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
2DB1689 DIODES-2DB1689_15 Datasheet
95Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DPLS325E DIODES-DPLS325E Datasheet
162Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DJT4030P-13 DIODES-DJT4030P-13 Datasheet
112Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DPLS315E DIODES-DPLS315E Datasheet
164Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
2DB1713 DIODES-2DB1713_15 Datasheet
98Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com