Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSS4320T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DSS4320T
Description  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS4320T Datasheet(HTML) 3 Page - Diodes Incorporated

  DSS4320T Datasheet HTML 1Page - Diodes Incorporated DSS4320T Datasheet HTML 2Page - Diodes Incorporated DSS4320T Datasheet HTML 3Page - Diodes Incorporated DSS4320T Datasheet HTML 4Page - Diodes Incorporated DSS4320T Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DSS4320T
Document number: DS31621 Rev. 2 - 2
3 of 5
www.diodes.com
November 2008
© Diodes Incorporated
DSS4320T
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
01
2
3
4
5
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 3 Typical Collector Current
vs. Collector-Emitter Voltage
I = 1mA
B
I = 2mA
B
I = 3mA
B
I = 4mA
B
I = 5mA
B
10
100
1,000
1
10
100
1,000
10,000
I , COLLECTOR CURRENT (mA)
C
Fig. 4 Typical DC Current Gain vs. Collector Current
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= 2V
CE
0.001
0.01
0.1
1
1
10
100
1,000
10,000
I , COLLECTOR CURRENT (mA)
C
Fig. 5 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
I/I = 10
CB
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 150°C
A
0
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1,000
10,000
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= 2V
CE
0
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1,000
10,000
I , COLLECTOR CURRENT (mA)
C
Fig. 7 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
I
= 10
CB
/I
1
10
100
1,000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 8 Typical Capacitance Characteristics
Cibo
C
obo
f = 1MHz


Similar Part No. - DSS4320T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS4320T DIODES-DSS4320T_15 Datasheet
121Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
More results

Similar Description - DSS4320T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DJT4031N DIODES-DJT4031N_15 Datasheet
114Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4160U DIODES-DSS4160U_15 Datasheet
173Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2678 DIODES-2DD2678_15 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4540X DIODES-DSS4540X_15 Datasheet
114Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4140U DIODES-DSS4140U Datasheet
118Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS20201L DIODES-DSS20201L Datasheet
126Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2661 DIODES-2DD2661 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2678 DIODES-2DD2678 Datasheet
93Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DSS4160V DIODES-DSS4160V Datasheet
120Kb / 5P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2098R DIODES-2DD2098R_15 Datasheet
182Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
2DD2656 DIODES-2DD2656 Datasheet
97Kb / 4P
   LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com