Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV320MTMI-90G Datasheet(PDF) 10 Page - Macronix International

Part # MX29LV320MTMI-90G
Description  32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV320MTMI-90G Datasheet(HTML) 10 Page - Macronix International

Back Button MX29LV320MTMI-90G Datasheet HTML 6Page - Macronix International MX29LV320MTMI-90G Datasheet HTML 7Page - Macronix International MX29LV320MTMI-90G Datasheet HTML 8Page - Macronix International MX29LV320MTMI-90G Datasheet HTML 9Page - Macronix International MX29LV320MTMI-90G Datasheet HTML 10Page - Macronix International MX29LV320MTMI-90G Datasheet HTML 11Page - Macronix International MX29LV320MTMI-90G Datasheet HTML 12Page - Macronix International MX29LV320MTMI-90G Datasheet HTML 13Page - Macronix International MX29LV320MTMI-90G Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
10
P/N:PM1129
REV. 1.1 , JUL. 14, 2005
MX29LV320MT/B
Q8~Q15
Operation
CE# OE# WE#
RE-
WP#
ACC
Address
Q0~Q7 BYTE#
BYTE#
SET#
=VIH
=VIL
Read
L
L
H
H
X
X
A
IN
D
OUT
D
OUT
Q8-Q14=
High Z
Q15=A-1
Write (Program/Erase)
L
H
L
H
(Note 3)
X
A
IN
(Note 4) (Note 4) Q8-Q14=
High Z
Q15=A-1
Accelerated Program
L
H
L
H
(Note 3) V
HH
A
IN
(Note 4) (Note 4) Q8-Q14=
High Z
Q15=A-1
Standby
VCC
± X
X
VCC
±
X
H
X
High-Z
High-Z
High-Z
0.3V
0.3V
Output Disable
L
H
H
H
X
X
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
X
X
High-Z
High-Z
High-Z
Sector Group Protect
L
H
L
VID
H
X
Sector Addresses, (Note 4)
X
X
(Note 2)
A6=L,A3=L, A2=L,
A1=H,A0=L
Chip unprotect
L
H
L
V
ID
H
X
Sector Addresses, (Note 4)
X
X
(Note 2)
A6=H, A3=L, A2=L,
A1=H, A0=L
Temporary Sector
X
X
X
V
ID
HX
A
IN
(Note 4) (Note 4)
High-Z
Group Unprotect
Legend:
L=Logic LOW=V
IL, H=Logic High=VIH, VID=12.0±0.5V, VHH=12.0±0.5V, X=Don't Care, AIN=Address IN, DIN=Data IN,
D
OUT=Data OUT
Notes:
1. Addresses are Amax:A0 in word mode; Amax:A-1 in byte mode. Sector address are Amax:A15 in both modes.
2. The sector group protect and chip unprotect functions may also be implemented via programming equipment. See
the "Sector Group Protection and Chip Unprotect" section.
3. If WP#=VIL, the two outermost boot sectors remain protected. If WP#=VIH, the two outermost boot sector protec-
tion depends on whether they were last protected or unprotect using the method described in "Sector/ Sector Block
Protection and Unprotect".
4. D
IN or DOUT as required by command sequence, Data# polling or sector protect algorithm (see Figure 15).
Table 1. BUS OPERATION (1)


Similar Part No. - MX29LV320MTMI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MTMI-90G MCNIX-MX29LV320MTMI-90G Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV320MTMI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320AT MCNIX-MX29LV320AT Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com