Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM5257B Datasheet(PDF) 2 Page - Diotech Company.

Part # ZMM5257B
Description  500mW SUFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

ZMM5257B Datasheet(HTML) 2 Page - Diotech Company.

  ZMM5257B Datasheet HTML 1Page - Diotech Company. ZMM5257B Datasheet HTML 2Page - Diotech Company. ZMM5257B Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZMM5221B ~ ZMM5261B
500mW SUFACE MOUNT ZENER DIODE
r
e
b
m
u
N
t
r
a
P
e
g
a
tl
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
c
V Z @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
A
u
V
B
1
2
2
5
M
M
Z
0
4
.
2
8
2
.
2
2
5
.
2
0
3
0
.
0
2
0
0
2
1
5
2
.
0
0
0
1
0
.
1
1
2
2
5
B
2
2
2
5
M
M
Z
0
5
.
2
8
3
.
2
3
6
.
2
0
3
0
.
0
2
0
5
2
1
5
2
.
0
0
0
1
0
.
1
2
2
2
5
B
3
2
2
5
M
M
Z
0
7
.
2
7
5
.
2
4
8
.
2
0
3
0
.
0
2
0
0
3
1
5
2
.
0
5
7
0
.
1
3
2
2
5
B
4
2
2
5
M
M
Z
0
8
.
2
6
6
.
2
4
9
.
2
0
3
0
.
0
2
0
0
4
1
5
2
.
0
5
7
0
.
1
4
2
2
5
B
5
2
2
5
M
M
Z
0
0
.
3
5
8
.
2
5
1
.
3
9
2
0
.
0
2
0
0
6
1
5
2
.
0
0
5
0
.
1
5
2
2
5
B
6
2
2
5
M
M
Z
0
3
.
3
4
1
.
3
7
4
.
3
8
2
0
.
0
2
0
0
6
1
5
2
.
0
5
2
0
.
1
6
2
2
5
B
7
2
2
5
M
M
Z
0
6
.
3
2
4
.
3
8
7
.
3
4
2
0
.
0
2
0
0
7
1
5
2
.
0
5
1
0
.
1
7
2
2
5
B
8
2
2
5
M
M
Z
0
9
.
3
1
7
.
3
0
1
.
4
3
2
0
.
0
2
0
0
9
1
5
2
.
0
0
1
0
.
1
8
2
2
5
B
9
2
2
5
M
M
Z
0
3
.
4
9
0
.
4
2
5
.
4
2
2
0
.
0
2
0
0
0
2
5
2
.
0
0
.
5
0
.
1
9
2
2
5
B
0
3
2
5
M
M
Z
0
7
.
4
7
4
.
4
4
9
.
4
9
1
0
.
0
2
0
0
9
1
5
2
.
0
0
.
5
0
.
2
0
3
2
5
B
1
3
2
5
M
M
Z
0
1
.
5
5
8
.
4
6
3
.
5
7
1
0
.
0
2
0
0
6
1
5
2
.
0
0
.
5
0
.
2
1
3
2
5
B
2
3
2
5
M
M
Z
0
6
.
5
2
3
.
5
8
8
.
5
1
1
0
.
0
2
0
0
6
1
5
2
.
0
0
.
5
0
.
3
2
3
2
5
B
3
3
2
5
M
M
Z
0
0
.
6
0
7
.
5
0
3
.
6
7
0
.
0
2
0
0
6
1
5
2
.
0
0
.
5
5
.
3
3
3
2
5
B
4
3
2
5
M
M
Z
0
2
.
6
9
8
.
5
1
5
.
6
7
0
.
0
2
0
0
0
1
5
2
.
0
0
.
5
0
.
4
4
3
2
5
B
5
3
2
5
M
M
Z
0
8
.
6
6
4
.
6
4
1
.
7
5
0
.
0
2
0
5
7
5
2
.
0
0
.
3
0
.
5
5
3
2
5
B
6
3
2
5
M
M
Z
0
5
.
7
3
1
.
7
8
8
.
7
6
0
.
0
2
0
0
5
5
2
.
0
0
.
3
0
.
6
6
3
2
5
B
7
3
2
5
M
M
Z
0
2
.
8
9
7
.
7
1
6
.
8
8
0
.
0
2
0
0
5
5
2
.
0
0
.
3
5
.
6
7
3
2
5
B
8
3
2
5
M
M
Z
0
7
.
8
7
2
.
8
4
1
.
9
8
0
.
0
2
0
0
6
5
2
.
0
0
.
3
5
.
6
8
3
2
5
B
9
3
2
5
M
M
Z
0
1
.
9
5
6
.
8
6
5
.
9
0
1
0
.
0
2
0
0
6
5
2
.
0
0
.
3
0
.
7
9
3
2
5
B
0
4
2
5
M
M
Z
0
0
.
0
1
0
5
.
9
0
5
.
0
1
7
1
0
.
0
2
0
0
6
5
2
.
0
0
.
3
0
.
8
0
4
2
5
B
1
4
2
5
M
M
Z
0
0
.
1
1
5
4
.
0
1
5
5
.
1
1
2
2
0
.
0
2
0
0
6
5
2
.
0
0
.
2
4
.
8
1
4
2
5
B
2
4
2
5
M
M
Z
0
0
.
2
1
0
4
.
1
1
0
6
.
2
1
0
3
0
.
0
2
0
0
6
5
2
.
0
0
.
1
1
.
9
2
4
2
5
B
3
4
2
5
M
M
Z
0
0
.
3
1
5
3
.
2
1
5
6
.
3
1
3
1
5
.
9
0
0
6
5
2
.
0
5
.
0
9
.
9
3
4
2
5
B
4
4
2
5
M
M
Z
0
0
.
4
1
0
3
.
3
1
0
7
.
4
1
5
1
0
.
9
0
0
6
5
2
.
0
1
.
0
0
.
0
1
4
4
2
5
B
5
4
2
5
M
M
Z
0
0
.
5
1
5
2
.
4
1
5
7
.
5
1
6
1
5
.
8
0
0
6
5
2
.
0
1
.
0
0
.
1
1
5
4
2
5
B
6
4
2
5
M
M
Z
0
0
.
6
1
0
2
.
5
1
0
8
.
6
1
7
1
8
.
7
0
0
6
5
2
.
0
1
.
0
0
.
2
1
6
4
2
5
B
7
4
2
5
M
M
Z
0
0
.
7
1
5
1
.
6
1
5
8
.
7
1
9
1
4
.
7
0
0
6
5
2
.
0
1
.
0
0
.
3
1
7
4
2
5
B
8
4
2
5
M
M
Z
0
0
.
8
1
0
1
.
7
1
0
9
.
8
1
1
2
0
.
7
0
0
6
5
2
.
0
1
.
0
0
.
4
1
8
4
2
5
B
9
4
2
5
M
M
Z
0
0
.
9
1
5
0
.
8
1
5
9
.
9
1
3
2
6
.
6
0
0
6
5
2
.
0
1
.
0
0
.
4
1
9
4
2
5
B
0
5
2
5
M
M
Z
0
0
.
0
2
0
0
.
9
1
0
0
.
1
2
5
2
2
.
6
0
0
6
5
2
.
0
1
.
0
0
.
5
1
0
5
2
5
B
1
5
2
5
M
M
Z
0
0
.
2
2
0
9
.
0
2
0
1
.
3
2
9
2
6
.
5
0
0
6
5
2
.
0
1
.
0
0
.
7
1
1
5
2
5
B
2
5
2
5
M
M
Z
0
0
.
4
2
0
8
.
2
2
0
2
.
5
2
3
3
2
.
5
0
0
6
5
2
.
0
1
.
0
0
.
8
1
2
5
2
5
B
3
5
2
5
M
M
Z
0
0
.
5
2
5
7
.
3
2
5
2
.
6
2
5
3
0
.
5
0
0
6
5
2
.
0
1
.
0
0
.
9
1
3
5
2
5
B
4
5
2
5
M
M
Z
0
0
.
7
2
5
6
.
5
2
5
3
.
8
2
1
4
6
.
4
0
0
6
5
2
.
0
1
.
0
0
.
1
2
4
5
2
5
B
5
5
2
5
M
M
Z
0
0
.
8
2
0
6
.
6
2
0
4
.
9
2
4
4
5
.
4
0
0
6
5
2
.
0
1
.
0
0
.
1
2
5
5
2
5
B
6
5
2
5
M
M
Z
0
0
.
0
3
0
5
.
8
2
0
5
.
1
3
9
4
2
.
4
0
0
6
5
2
.
0
1
.
0
0
.
3
2
6
5
2
5
B
7
5
2
5
M
M
Z
0
0
.
3
3
5
3
.
1
3
5
6
.
4
3
8
5
8
.
3
0
0
7
5
2
.
0
1
.
0
0
.
5
2
7
5
2
5
B
8
5
2
5
M
M
Z
0
0
.
6
3
0
2
.
4
3
0
8
.
7
3
0
7
4
.
3
0
0
7
5
2
.
0
1
.
0
0
.
7
2
8
5
2
5
B
9
5
2
5
M
M
Z
0
0
.
9
3
5
0
.
7
3
5
9
.
0
4
0
8
2
.
3
0
0
8
5
2
.
0
1
.
0
0
.
0
3
9
5
2
5
B
0
6
2
5
M
M
Z
0
0
.
3
4
5
8
.
0
4
5
1
.
5
4
3
9
0
.
3
0
0
9
5
2
.
0
1
.
0
0
.
3
3
0
6
2
5
B
1
6
2
5
M
M
Z
0
0
.
7
4
5
6
.
4
4
5
3
.
9
4
0
5
1
7
.
2
0
0
0
1
5
2
.
0
1
.
0
0
.
6
3
1
6
2
5
Notes. : STANDARD VOLTAGE TOLERANCE IS ± 5%


Similar Part No. - ZMM5257B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5257B RECTRON-ZMM5257B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
Shanghai Shunye Electro...
ZMM5257B SY-ZMM5257B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Diodes Incorporated
ZMM5257B DIODES-ZMM5257B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5257B JGD-ZMM5257B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Shenzhen Ping Sheng Ele...
ZMM5257B PFS-ZMM5257B Datasheet
139Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM5257B

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
GLZ2 DIOTECH-GLZ2 Datasheet
1Mb / 4P
   500mW SUFACE MOUNT ZENER DIODE
ZMM55C2V4 DIOTECH-ZMM55C2V4 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
ZMM55-C2V4 DIOTECH-ZMM55-C2V4 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com