Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22R153MC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # 22R153MC
Description  Bobbin Wound Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

22R153MC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  22R153MC Datasheet HTML 1Page - Murata Power Solutions Inc. 22R153MC Datasheet HTML 2Page - Murata Power Solutions Inc. 22R153MC Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KMP_2200RMC_A01 Page 2 of 3
2200RM Series
Bobbin Wound Surface Mount Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
INDUCTANCE Vs CURRENT
TEMPERATURE Vs CURRENT
INDUCTANCE Vs FREQUENCY
1
10
100
1000
10000
100000
0.001
0.01
0.1
1
10
Current, IDC (A)
1mH
100μH
10μH
10mH
68mH
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Current, IDC (A)
1mH
100μH
10μH
10mH
1
10
100
1000
10000
100000
1000000
10
100
1000
10000
Frequency, (kHz)
1mH
100μH
10μH
10mH
68mH


Similar Part No. - 22R153MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
22R153MC MURATA-22R153MC Datasheet
178Kb / 3P
   Bobbin Wound Surface Mount Inductors
More results

Similar Description - 22R153MC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
2400 CANDD-2400 Datasheet
100Kb / 2P
   Bobbin Wound Surface Mount Inductors
2600 CANDD-2600 Datasheet
101Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
22R105MC MURATA-22R105MC Datasheet
178Kb / 3P
   Bobbin Wound Surface Mount Inductors
KMP_2800 MURATA-KMP_2800 Datasheet
133Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
C&D Technologies
2300 CANDD-2300 Datasheet
51Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Murata Power Solutions ...
2600 MURATA-PS-2600 Datasheet
153Kb / 4P
   Bobbin Wound Surface Mount Inductors
2800 MURATA-PS-2800 Datasheet
280Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2300 MURATA-KMP_2300 Datasheet
135Kb / 4P
   Bobbin Wound Surface Mount Inductors
KMP_2400 MURATA-KMP_2400 Datasheet
170Kb / 4P
   Bobbin Wound Surface Mount Inductors
KMP_2600 MURATA-KMP_2600 Datasheet
156Kb / 4P
   Bobbin Wound Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com