Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OKL-T1-W12 Datasheet(PDF) 11 Page - Murata Power Solutions Inc.

Part # OKL-T1-W12
Description  Programmable Output 1-Amp iLGA SMT PoLs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKL-T1-W12 Datasheet(HTML) 11 Page - Murata Power Solutions Inc.

Back Button OKL-T1-W12 Datasheet HTML 7Page - Murata Power Solutions Inc. OKL-T1-W12 Datasheet HTML 8Page - Murata Power Solutions Inc. OKL-T1-W12 Datasheet HTML 9Page - Murata Power Solutions Inc. OKL-T1-W12 Datasheet HTML 10Page - Murata Power Solutions Inc. OKL-T1-W12 Datasheet HTML 11Page - Murata Power Solutions Inc. OKL-T1-W12 Datasheet HTML 12Page - Murata Power Solutions Inc. OKL-T1-W12 Datasheet HTML 13Page - Murata Power Solutions Inc. OKL-T1-W12 Datasheet HTML 14Page - Murata Power Solutions Inc. OKL-T1-W12 Datasheet HTML 15Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OKL-T/1-W12 PERFORMANCE DATA AND OSCILLOGRAMS
Step Load Transient Response (Vin=14V, Vout=3.3V, Cload=0, Iout=0.5A to 1A,
Ta=+25°C.) Trace 2=Vout, 100 mV/div. Trace 4=Iout, 0.5A/div.
Step Load Transient Response (Vin=14V, Vout=3.3V, Cload=0, Iout=1A to 0.5A,
Ta=+25°C.) Trace 2=Vout, 100 mV/div. Trace 4=Iout, 0.5A/div.
Output Ripple and Noise (Vin=3.5V, Vout=2.5V, Iout=1A, Cload=0, Ta=+25°C.,
ScopeBW=100MHz)
Output Ripple and Noise (Vin=12V, Vout=2.5V, Iout=1A, Cload=0, Ta=+25°C.,
ScopeBW=100MHz)
Maximum Current Temperature Derating at Sea Level
(Vin = 4V, Vout = 2.5V)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
30
35
40
45
50
55
60
65
70
75
80
85
65 LFM
Ambient Temperature (ºC)
Efficiency vs. Line Voltage and Load Current @Ta = +25 °C
(Vout = 2.5V)
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
Load C urre nt (Amps)
VIN = 3.5V
VIN = 12V
VIN = 14V
OKL-T/1-W12 Series
Programmable Output 1-Amp iLGA SMT PoLs
www.murata-ps.com
email: sales@murata-ps.com
09 Feb 2011
MDC_OKL-T/1-W12 Series.A01 Page 11 of 16


Similar Part No. - OKL-T1-W12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OKL-T1-W12 MURATA-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
More results

Similar Description - OKL-T1-W12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OKL-T1-W12 MURATA-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T MURATA-PS-OKL-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL-T3-W12 MURATA-PS-OKL-T3-W12 Datasheet
175Kb / 4P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL2-T MURATA-PS-OKL2-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T-3-W5 MURATA-OKL-T-3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T3-W12 MURATA-PS-OKL-T3-W12_10 Datasheet
978Kb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T-6-W5 MURATA-OKL-T-6-W5 Datasheet
985Kb / 15P
   Programmable Output 6-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T6-W5 MURATA-PS-OKL-T6-W5 Datasheet
985Kb / 15P
   Programmable Output 6-Amp iLGA SMT PoLs
OKL-T6-W12 MURATA-PS-OKL-T6-W12 Datasheet
1Mb / 15P
   Programmable Output 6-Amp ILGA SMT PoLs
OKL-T3-W5 MURATA-PS-OKL-T3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com