Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVS Datasheet(PDF) 1 Page - Riedon Powertron

Part # HVS
Description  High Voltage / High Temperature Thick Film Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

HVS Datasheet(HTML) 1 Page - Riedon Powertron

  HVS Datasheet HTML 1Page - Riedon Powertron HVS Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
12/10
Type
0805
1206
1210
2010
2512
4020
Power Rating - P
70
( W @ 70°C)
0.125
0.25
0.35
0.5
1.0
1.5
Working
Voltage
( VAC )
Trimmed
200
600
1000
1500
2000
4000
Untrimmed
600
1000
1200
2000
3000
6000
Resistance Range
( W )
100k - 100M
0.5% to 10%
25 / 50 / 100
<50ppm/V
0.5% to 10%
25 / 50 / 100
<50ppm/V
0.5% to 10%
25 / 50 / 100
<25ppm/V
0.5% to 10%
25 / 50 / 100
<10ppm/V
0.25% to 10%
25 / 50 / 100
<5ppm/V
>100M - 1G
2% to 20%
50 / 100 / 250
<250ppm/V
2% to 20%
50 / 100 / 250
<100ppm/V
1% to 10%
25 / 50 / 100
<50ppm/V
1% to 10%
25 / 50 / 100
<25ppm/V
1% to 10%
25 / 50 / 100
<10ppm/V
>1G - 10G
5% to 20%
100 / 250
<500ppm/V
5% to 20%
100 / 250
<250ppm/V
2% to 20%
50 / 100
<100ppm/V
2% to 20%
50 / 100
<100ppm/V
2% to 20%
50 / 100
<25ppm/V
>10G - 100G
10% to 30%
500 / 1000
<1000ppm/V
10% to 30%
500 / 1000
<1000ppm/V
5% to 20%
500 / 1000
<500ppm/V
5% to 20%
100 / 250
<250ppm/V
5% to 20%
100 / 250
<100ppm/V
>100G - 1T
-
10% to 30%
1000 / 2000
<2000ppm/V
10% to 30%
500 / 1000
<1000ppm/V
5% to 20%
250 / 500
<500ppm/V
5% to 20%
250 / 500
<250ppm/V
>1T - 10T
-
-
-
10% to 30%
500 / 1000
<1000ppm/V
10% to 30%
250 / 500
<1000ppm/V
HVS Series
• Resistances from 100k to 10T Ohms
• Power Rating 0.05 to 1.5 Watt
• Resistance Tolerances to ± 0.25%
• TCR’s to ±25 ppm/K
• Non-Magnetic (contact PtAg)
• High Value Thick Film Resistance Element
• Sizes: 0805 / 1206 / 1210 / 2010 / 2512 / 4020
• Special HT Version to 300°C
SPECIFICATIONS
High Voltage / High Temperature
Thick Film Chip Resistors
1
W @ 70 °C / 0W @ 155 °C


Similar Part No. - HVS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HVS MSYSTEM-HVS Datasheet
110Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HVS-00-R MSYSTEM-HVS-00-R Datasheet
110Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HVS-00-R/K MSYSTEM-HVS-00-R/K Datasheet
110Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HVS-00-R/Q MSYSTEM-HVS-00-R/Q Datasheet
110Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HVS-01-R MSYSTEM-HVS-01-R Datasheet
110Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HVS

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVS0805-100KJ8 RIEDON-HVS0805-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS1206-100KJ8 RIEDON-HVS1206-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805 RIEDON-HVS0805_13 Datasheet
173Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805-150MK8 RIEDON-HVS0805-150MK8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
logo
IRC - a TT electronics ...
TKC-HTC-1206LF-1R00-J IRCTT-TKC-HTC-1206LF-1R00-J Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
   Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV_15 Datasheet
87Kb / 4P
   Thick Film Chip Resistors, High Voltage
Revision: 02-Oct-14
logo
List of Unclassifed Man...
RH10FTN4993 ETC-RH10FTN4993 Datasheet
725Kb / 9P
   Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CRMV VISHAY-CRMV Datasheet
143Kb / 4P
   Thick Film Chip Resistors, High Voltage
logo
Bourns Electronic Solut...
CHV-0603A BOURNS-CHV-0603A Datasheet
723Kb / 5P
   Thick Film High Voltage Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com