Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVS0805 Datasheet(PDF) 2 Page - Riedon Powertron

Part # HVS0805
Description  High Voltage / High Temperature Thick Film Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

HVS0805 Datasheet(HTML) 2 Page - Riedon Powertron

  HVS0805 Datasheet HTML 1Page - Riedon Powertron HVS0805 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
12/10
Specification
Value
Temperature Range
-55°C to +155°C (Standard)
-55°C to +300°C (HT Version, TCR valid +25°C to +125°C )
Climactic Cetegory
55 / 155 / 56
Solderability
250°C / 3s (up to 6 month after shipment resp. at storage in Nitrogen)
Max. Soldering Temperature
260°C / 10s
Long Term Stability
Max DR
<1 GW
1 GW - 10 GW
>10 GW
Load Life 70°C / 1000h / P
70
±0.25%
±0.5%
±1%
Storage 125°C / 1000h
±0.5%
±1%
±2%
Maximum Voltage / 1000h
±0.5%
±1%
±2%
Packaging:
Bulk or Tape & Reel per IEC 286-3 / EIA 481-1-A
Tape width 8mm / Reel Diameter 180 or 330mm
Minimum quantity Bulk / 100 pieces per value
Minimum quantity Tape & Reel / 1000 pieces per value
HVS Series
High Voltage / High Temperature
Thick Film Chip Resistors
Type
Dimensions
L
B
D
C
HVS 0805
0.080 +0.006 / -0.002
[ 2.0 +0.15 / -0.05 ]
0.050 +0.006 / -0.002
[ 1.25 +0.15 / -0.05 ]
0.016 +0.006 / -0.002
[ 0.4 +0.15 / -0.05 ]
0.012 +0.008 / -0.004
[ 0.3 +0.2 / -0.1 ]
HVS 1206
0.126 +0.006 / -0.002
[ 3.2 +0.15 / -0.05 ]
0.060 +0.008 / -0.002
[ 1.5 +0.2 / -0.05 ]
0.016 +0.006 / -0.002
[ 0.4 +0.15 / -0.05 ]
0.012 +0.008 / -0.004
[ 0.3 +0.2 / -0.1 ]
HVS 1210
0.126 +0.006 / -0.002
[ 3.2 +0.15 / -0.05 ]
0.098 +0.008 / -0.002
[ 2.5 +0.2 / -0.05 ]
0.020 +0.006 / -0.002
[ 0.5 +0.15 / -0.05 ]
0.032 ±0.008
[ 0.8 ±0.2 ]
HVS 2010
0.20 +0.008 / -0.002
[5.1 +0.2 / -0.05]
0.098 +0.008 / -0.002
[ 2.5 +0.2 / -0.05 ]
0.024 +0.006 / -0.002
[ 0.6 +0.15 / -0.05 ]
0.05 ±0.008
[ 1.2 ±0.2 ]
HVS 2512
0.250 +0.006 / -0.002
[ 6.3 +0.15 / -0.05 ]
0.138 +0.008 / -0.002
[ 3.5 +0.2 / -0.05 ]
0.024 +0.006 / -0.002
[ 0.6 +0.15 / -0.05 ]
0.035 ±0.008
[ 0.9 ±0.2 ]
HVS 4020
0.40 +0.006 / -0.002
[ 10.20 +0.15 / -0.05 ]
0.20 +0.008 / -0.002
[ 5.1 +0.2 / -0.05 ]
0.024 +0.006 / -0.002
[ 0.6 +0.15 / -0.05 ]
0.035 ±0.008
[ 0.9 ±0.2 ]
Ordering Information
Part Number - Resistance - Tolerance - TCR - Packaging
Example: HVS 2512 10GOhms 10% 50ppm Tape
( Note: if no TCR is specified, the highest value will be supplied )
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve


Similar Part No. - HVS0805

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVS0805 RIEDON-HVS0805 Datasheet
173Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805 RIEDON-HVS0805 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805-100KJ8 RIEDON-HVS0805-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805-150MK8 RIEDON-HVS0805-150MK8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805 RIEDON-HVS0805_13 Datasheet
173Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
More results

Similar Description - HVS0805

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVS0805-100KJ8 RIEDON-HVS0805-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS1206-100KJ8 RIEDON-HVS1206-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805 RIEDON-HVS0805_13 Datasheet
173Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805-150MK8 RIEDON-HVS0805-150MK8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
logo
IRC - a TT electronics ...
TKC-HTC-1206LF-1R00-J IRCTT-TKC-HTC-1206LF-1R00-J Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
   Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV_15 Datasheet
87Kb / 4P
   Thick Film Chip Resistors, High Voltage
Revision: 02-Oct-14
logo
List of Unclassifed Man...
RH10FTN4993 ETC-RH10FTN4993 Datasheet
725Kb / 9P
   Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CRMV VISHAY-CRMV Datasheet
143Kb / 4P
   Thick Film Chip Resistors, High Voltage
logo
Bourns Electronic Solut...
CHV-0603A BOURNS-CHV-0603A Datasheet
723Kb / 5P
   Thick Film High Voltage Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com