Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1696 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1696
Description  3-phase Brushless Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1696 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1696 Datasheet HTML 1Page - Sanyo Semicon Device LB1696 Datasheet HTML 2Page - Sanyo Semicon Device LB1696 Datasheet HTML 3Page - Sanyo Semicon Device LB1696 Datasheet HTML 4Page - Sanyo Semicon Device LB1696 Datasheet HTML 5Page - Sanyo Semicon Device LB1696 Datasheet HTML 6Page - Sanyo Semicon Device LB1696 Datasheet HTML 7Page - Sanyo Semicon Device LB1696 Datasheet HTML 8Page - Sanyo Semicon Device LB1696 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Pin Functions
Pin No.
Pin Name
Pin Voltage
Equivalent Circuit
Pin Function
1VCC
Supplies power to all circuits except output
block.
2R1
Sets the C pin charge/discharge current. In
current limiter operation when the motor is
locked, the charge current set by this pin
becomes charge current ICL1 for the C pin.
3C
Sets the output off time and output current
neglect time during current limiter operation.
4R2
Sets the C pin charging current.
In current limiter operation when the motor is
rotating, the sum of the current set by this pin
and the current ICL1 set by the R1 pin
becomes charge current ICL2 for
the C pin.
5
6
7
OUT1
OUT2
OUT3
Output pin 1
Output pin 2
Output pin 3
8RF
Output current detection pin. By inserting
resistor Rf between this pin and GND, the
output current is detected as voltage. The
output current is limited to a current value set
by VRF/Rf (current limit operation).
10
VM
Power supply pin providing output
9VREG
Regulator pin.
When using a single power supply (VM), VCC
(5.2 V) is supplied by adding an external
transistor.
The
recommended
transistor
is
the
2SD1724T. If a regulator is not used, this pin
should either be open or grounded.
11
GND
GND for other than output.
The minimum potential of output transistor is
the RF pin voltage.
12
F/R
0.0 V min
VCC max
Forward/reverse control pin.
17, 18,
15, 16,
13, 14
IN1
+, IN1
IN2
+, IN2
IN3
+, IN3
1.5 V min
VCC – 1.8 V
max
Hall device input pin
Logic ‘‘H’’ represents IN
+
> IN.
19
20
FG2
FG1
Rate pulse output pin 2.
Pull-up resistor built in.
Rate pulse output pin 1.
Pull-up resistor built in.
LB1696
No.5244-5/9


Similar Part No. - LB1696

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1690 SANYO-LB1690 Datasheet
95Kb / 5P
   3-Phase Motor Driver????
LB1692 SANYO-LB1692 Datasheet
106Kb / 5P
   Three-Phase Brushless Motor Driver????
LB1693 SANYO-LB1693 Datasheet
174Kb / 9P
   3-Phase Brushless Motor Driver????
LB1694N SANYO-LB1694N Datasheet
74Kb / 8P
   3-Phase Brushless Motor Driver????
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
More results

Similar Description - LB1696

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com