Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMB53D0UDW Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMB53D0UDW
Description  N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMB53D0UDW Datasheet(HTML) 4 Page - Diodes Incorporated

  DMB53D0UDW Datasheet HTML 1Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 2Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 3Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 4Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 5Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 6Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMB53D0UDW
Document number: DS31675 Rev. 5 - 2
4 of 7
www.diodes.com
December 2009
© Diodes Incorporated
DMB53D0UDW
MOSFET (continued)
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0.5
0.6
0.7
0.8
0.9
1.0
1.1
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 8 Diode Forward Voltage vs. Current
0.0001
0.001
0.01
0.1
1
0.1
0.3
0.5
0.7
0.9
1.1
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 9 Derating Curve - Total Package Power Dissipation
A
°
300
RC/W
θJA
°
= 500


Similar Part No. - DMB53D0UDW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMB53D0UV DIODES-DMB53D0UV Datasheet
140Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DMB53D0UV-7 DIODES-DMB53D0UV-7 Datasheet
140Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
More results

Similar Description - DMB53D0UDW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMB53D0UV DIODES-DMB53D0UV Datasheet
140Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DMB54D0UDW DIODES-DMB54D0UDW_15 Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UV DIODES-DMB54D0UV Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UDW DIODES-DMB54D0UDW Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UV DIODES-DMB54D0UV_15 Datasheet
128Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
logo
List of Unclassifed Man...
TN2010T ETC-TN2010T Datasheet
46Kb / 4P
   N-Channel Enhancement-Mode MOSFET Transistor
logo
Unisonic Technologies
UTT36N05 UTC-UTT36N05_15 Datasheet
214Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Diodes Incorporated
DMPH6050SK3Q DIODES-DMPH6050SK3Q Datasheet
523Kb / 7P
   60V plus 175C P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
2N7085 SEME-LAB-2N7085 Datasheet
16Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com