Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMB54D0UDW-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMB54D0UDW-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMB54D0UDW-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMB54D0UDW-7 Datasheet HTML 1Page - Diodes Incorporated DMB54D0UDW-7 Datasheet HTML 2Page - Diodes Incorporated DMB54D0UDW-7 Datasheet HTML 3Page - Diodes Incorporated DMB54D0UDW-7 Datasheet HTML 4Page - Diodes Incorporated DMB54D0UDW-7 Datasheet HTML 5Page - Diodes Incorporated DMB54D0UDW-7 Datasheet HTML 6Page - Diodes Incorporated DMB54D0UDW-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMB54D0UDW
Document number: DS31677 Rev. 4 - 2
1 of 7
www.diodes.com
December 2009
© Diodes Incorporated
DMB54D0UDW
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
Features
N-Channel MOSFET and PNP Transistor in One Package
Low On-Resistance
Very Low Gate Threshold Voltage, 1.0V max
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Ultra-Small Surface Mount Package
Lead, Halogen and Antimony Free, RoHS Compliant (Note 2)
ESD Protected MOSFET Gate up to 2kV
"Green" Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish - Matte Tin annealed over Alloy 42 lead frame.
Solderable per MIL-STD-202, Method 208
Marking Information: See Page 5
Ordering Information: See Page 5
Weight: 0.006 grams (approximate)
Maximum Ratings – MOSFET, Q1 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
50
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Note 1)
Continuous
ID
160
mA
Pulsed Drain Current (Note 1)
IDM
560
mA
Maximum Ratings - PNP Transistor, Q2 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-100
mA
Thermal Characteristics, Total Device @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 1)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead. Halogen and Antimony Free.
3. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
SOT-363
TOP VIEW
Internal Schematic
TOP VIEW
ESD protected gate up to 2kV
E
D
2
S
2
Q
1
G
2
Q
2
B
C
Please click here to visit our online spice models database.


Similar Part No. - DMB54D0UDW-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMB54D0UDW DIODES-DMB54D0UDW_15 Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
More results

Similar Description - DMB54D0UDW-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMB54D0UDW DIODES-DMB54D0UDW_15 Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UV DIODES-DMB54D0UV Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UV DIODES-DMB54D0UV_15 Datasheet
128Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB53D0UDW DIODES-DMB53D0UDW Datasheet
137Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DMB53D0UV DIODES-DMB53D0UV Datasheet
140Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
logo
List of Unclassifed Man...
TN2010T ETC-TN2010T Datasheet
46Kb / 4P
   N-Channel Enhancement-Mode MOSFET Transistor
logo
Cystech Electonics Corp...
MBNP2074G6 CYSTEKEC-MBNP2074G6 Datasheet
322Kb / 10P
   N- Channel Enhancement mode MOSFET AND PNP BJT
logo
Unisonic Technologies
UTT36N05 UTC-UTT36N05_15 Datasheet
214Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Diodes Incorporated
DMPH6050SK3Q DIODES-DMPH6050SK3Q Datasheet
523Kb / 7P
   60V plus 175C P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com