Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78PL116 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78PL116
Description  PowerLAN??Master Gateway Battery Management Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ78PL116 Datasheet(HTML) 4 Page - Texas Instruments

  BQ78PL116 Datasheet HTML 1Page - Texas Instruments BQ78PL116 Datasheet HTML 2Page - Texas Instruments BQ78PL116 Datasheet HTML 3Page - Texas Instruments BQ78PL116 Datasheet HTML 4Page - Texas Instruments BQ78PL116 Datasheet HTML 5Page - Texas Instruments BQ78PL116 Datasheet HTML 6Page - Texas Instruments BQ78PL116 Datasheet HTML 7Page - Texas Instruments BQ78PL116 Datasheet HTML 8Page - Texas Instruments BQ78PL116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
P0023-25
bq78PL116
RGZ Package
(Top View)
CHG
DSG
PRE
EFCIC
EFCID
CCBAT
CCPACK
VLDO1
CSBAT
CSPACK
OSCI
OSCO
1
2
3
4
5
6
7
8
9
10
11
12
LED5/SEG5
LED4/SEG4
LED3/SEG3
LED2/SEG2
LED1/SEG1
PSH/BP/TP
SPROT
FIELD
NC
NC
NC
RSTN
36
35
34
33
32
31
30
29
28
27
26
25
Thermal Pad
bq78PL116
SLUSAB8B
– OCTOBER 2010 – REVISED FEBRUARY 2011
www.ti.com
Table 1. ORDERING INFORMATION
Cell
Package
Temperature
Ordering
Quantity, Transport
Product
Package
Configuration(1)
Designator
Range
Number
Media
bq78PL116RGZ
250, tape and reel
T
QFN-48, 7-mm
×
bq78PL116
3 to 16 series cells
RGZ
–40°C to 85°C
7-mm
bq78PL116RGZ
2500, tape and reel
R
(1)
For configurations consisting of more than four series cells, additional bq76PL102 parts must be used.
AVAILABLE OPTIONS
Figure 3. bq78PL116 Pinout
bq78PL116 TERMINAL FUNCTIONS
NAME
NO.
TYPE(1)
DESCRIPTION
CCBAT
6
IA
Coulomb counter input (sense resistor), connect to battery negative
CCPACK
7
IA
Coulomb counter input (sense resistor), connect to pack negative
CHG
1
O
Charge MOSFET control (active-high, low opens MOSFET)
CSBAT
9
IA
Current sense input (safety), connect to battery negative
CSPACK
10
IA
Current sense input (safety), connect to pack negative
DSG
2
O
Discharge MOSFET control (active-high, low opens MOSFET)
EFCIC
4
I
External charge MOSFET control input
EFCID
5
I
External discharge MOSFET control input
(1)
Types: I = Input, IA = Analog input, IO = Input/Output, O = Output, P = Power
4
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): bq78PL116


Similar Part No. - BQ78PL116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL116 TI1-BQ78PL116 Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL116RGZR TI1-BQ78PL116RGZR Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL116RGZT TI1-BQ78PL116RGZT Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL116 TI1-BQ78PL116_15 Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
More results

Similar Description - BQ78PL116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL116 TI1-BQ78PL116_15 Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL114 TI-BQ78PL114_09 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL114 TI-BQ78PL114 Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
logo
NXP Semiconductors
MC33665A NXP-MC33665A Datasheet
136Kb / 9P
   Battery management communication gateway
Rev. 3 - 29 July 2022
logo
Texas Instruments
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
[Old version datasheet]   Battery Management Controller Companion
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
   Controller for power supply and battery management
2003 Oct 31
logo
Freescale Semiconductor...
MC56F825X FREESCALE-MC56F825X Datasheet
3Mb / 88P
   Digital Signal Controller Battery chargers and management
logo
List of Unclassifed Man...
ADM5120 ETC2-ADM5120 Datasheet
306Kb / 8P
   HOME GATEWAY CONTROLLER
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
   Battery Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com