Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24158 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24158
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24158 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24158 Datasheet HTML 2Page - Texas Instruments BQ24158 Datasheet HTML 3Page - Texas Instruments BQ24158 Datasheet HTML 4Page - Texas Instruments BQ24158 Datasheet HTML 5Page - Texas Instruments BQ24158 Datasheet HTML 6Page - Texas Instruments BQ24158 Datasheet HTML 7Page - Texas Instruments BQ24158 Datasheet HTML 8Page - Texas Instruments BQ24158 Datasheet HTML 9Page - Texas Instruments BQ24158 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
bq24153A
bq24156A, bq24158
SLUSAB0 – OCTOBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Circuit of Figure 1, VBUS = 5 V, HZ_MODE = 0, OPA_MODE = 0 (CD = 0), TJ = –40°C to 125°C, TJ = 25°C for typical values
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BAD ADAPTOR DETECTION
VIN(min)
Input voltage lower limit
BAD ADAPTOR DETECTION
3.6
3.8
4.0
V
Deglitch time for VBUS rising above
ms
Rising voltage, 2-mV overdrive, tRISE = 100 ns
30
VIN(min)
Hysteresis for VIN(min)
Input voltage rising
100
200
mV
ISHORT
Current source to GND
During bad adaptor detection
20
30
40
mA
tINT
Detection Interval
Input power source detection
2
S
INPUT BASED DYNAMIC POWER MANAGEMENT
Input Voltage DPM threshold programmable
V
VIN_DPM
4.2
4.76
range
VIN DPM threshold accuracy
–3%
1%
INPUT CURRENT LIMITING
TJ = 0°C – 125°C
88
93
98
mA
IIN = 100 mA
TJ = –40°C –125°C
86
93
98
IIN_LIMIT
Input current limiting threshold
TJ = 0°C – 125°C
450
475
500
mA
IIN = 500 mA
TJ = –40°C –125°C
440
475
500
VREF BIAS REGULATOR
VBUS >VIN(min) or V(CSOUT) > VBUS(min),
V
VREF
Internal bias regulator voltage
2
6.5
I(VREF) = 1 mA, C(VREF) = 1 mF
VREF output short current limit
30
mA
BATTERY RECHARGE THRESHOLD
V(RCH)
Recharge threshold voltage
Below V(OREG)
100
120
150
mV
V(SCOUT) decreasing below threshold,
Deglitch time
130
ms
tFALL = 100 ns, 10-mV overdrive
STAT OUTPUTS
Low-level output saturation voltage, STAT
IO = 10 mA, sink current
0.55
V
pin
VOL(STAT)
High-level leakage current for STAT
Voltage on STAT pin is 5 V
1
mA
I2C BUS LOGIC LEVELS AND TIMING CHARACTERISTICS
VOL
Output low threshold level
IO = 10 mA, sink current
0.4
V
VIL
Input low threshold level
V(pull-up) = 1.8 V, SDA and SCL
0.4
V
VIH
Input high threshold level
V(pull-up) = 1.8 V, SDA and SCL
1.2
V
I(BIAS)
Input bias current
V(pull-up) = 1.8 V, SDA and SCL
1
mA
f(SCL)
SCL clock frequency
3.4
MHz
BATTERY DETECTION
Battery detection current before charge
Begins after termination detected,
I(DETECT)
–0.5
mA
done (sink current) (1)
V(CSOUT) ≤ V(OREG)
tDETECT
Battery detection time
262
ms
SLEEP COMPARATOR
Sleep-mode entry threshold,
V(SLP)
2.3 V
≤ V(CSOUT) ≤ V(OREG), VBUS falling
0
40
100
mV
VBUS – VCSOUT
V(SLP_EXIT)
Sleep-mode exit hysteresis
2.3 V
≤ V(CSOUT) ≤ V(OREG)
140
200
260
mV
Deglitch time for VBUS rising above V(SLP) +
Rising voltage, 2-mV overdrive, tRISE = 100 ns
30
ms
V(SLP_EXIT)
UNDERVOLTAGE LOCKOUT (UVLO)
UVLO
IC active threshold voltage
VBUS rising - Exits UVLO
3.05
3.3
3.55
V
UVLO(HYS)
IC active hysteresis
VBUS falling below UVLO - Enters UVLO
120
150
mV
(1)
Bottom N-channel FET always turns on for ~30 ns and then turns off if current is too low.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq24153A bq24156A bq24158


Similar Part No. - BQ24158

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24158 TI-bq24158 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24158 TI-BQ24158 Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24158 TI1-BQ24158 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24158 TI1-BQ24158 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24158 TI1-BQ24158 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
More results

Similar Description - BQ24158

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24185 TI-BQ24185 Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24158 TI-BQ24158_12 Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
logo
Richtek Technology Corp...
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
   Switch-Mode Single Cell Li-Ion Charger
logo
Texas Instruments
BQ24180 TI-BQ24180 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24185YFFR TI-BQ24185YFFR Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com