Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29443 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29443
Description  Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29443 Datasheet(HTML) 4 Page - Texas Instruments

  BQ29443 Datasheet HTML 1Page - Texas Instruments BQ29443 Datasheet HTML 2Page - Texas Instruments BQ29443 Datasheet HTML 3Page - Texas Instruments BQ29443 Datasheet HTML 4Page - Texas Instruments BQ29443 Datasheet HTML 5Page - Texas Instruments BQ29443 Datasheet HTML 6Page - Texas Instruments BQ29443 Datasheet HTML 7Page - Texas Instruments BQ29443 Datasheet HTML 8Page - Texas Instruments BQ29443 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
bq29440, bq2944L0
bq29441, bq29442, bq29443, bq29449, bq2944L9
SLUSA15C – JUNE 2010 – REVISED NOVEMBER 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS (continued)
MIN
NOM
MAX
UNIT
Voltage monitor filter capacitance
CIN (See Figure 7.)
0.01
0.1
µF
Supply voltage filter resistance
RVD (See Figure 7.)
0.1
1
k
Ω
Supply voltage filter capacitance
CVD (See Figure 7.)
0.1
µF
Operating ambient temperature range, TA
–40
110
°C
ELECTRICAL CHARACTERISTICS
Typical values stated where TA = 25°C and VDD = 17 V, MIN/MAX values stated where TA = –40°C to 110°C and VDD = 4 V
to 25 V (unless otherwise noted).
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
bq29440
4.35
bq29441
4.40
Overvoltage
VPROTECT
detection
bq29442
4.45
V
voltage
bq29443
4.50
bq29449
4.30
Overvoltage detection
VHYS
For non-latch devices only
200
300
400
mV
hysteresis
Overvoltage detection
VOA
TA = 25°C
–10
10
mV
accuracy
TA = 0°C to 60°C
–0.4
0.4
Overvoltage threshold
VOA_DRIFT
mV/°C
temperature drift
TA = –40°C to 110°C
–0.6
0.6
TA = 0°C to 60°C
6.0
9.0
12
Note: Does not include external capacitor variation
Overvoltage delay time
XDELAY
s/µF
scale factor
TA = –40°C to 110°C
5.5
9.0
13.5
Note: Does not include external capacitor variation
Overvoltage delay time
XDELAY_CTM
scale factor in
See CUSTOMER TEST MODE.
0.08
s/µF
Customer Test Mode
Overvoltage detection
ICD(CHG)
See Figure 1.
140
nA
charging current
Overvoltage detection
ICD(DSG)
See Figure 2.
60
µA
discharging current
Overvoltage detection
VCD
external capacitor
1.2
V
comparator threshold
(VC1–VC2), (VC2–VC3), (VC3–VC4) and (VC4–GND) =
3.5 V
ICC
Supply current
2
3.5
µA
See Figure 3.
(VC1–VC2), (VC2–VC3), (VC3–VC4) or
(VC4–GND) = VPROTECT, VDD = 20 V,
6.5
8.0
9.5
V
IOH = 0 to –10 µA
(VC1–VC2), (VC2–VC3), (VC3–VC4) or
(VC4–GND) = VPROTECT, VDD = 4.35 V,
1.50
3.0
V
IOL = –10 µA, TA = 0°C to 60°C
VOUT
OUT pin drive voltage
(VC1–VC2), (VC2–VC3), (VC3–VC4) or
(VC4–GND) = VPROTECT, VDD > 6 V,
2.0
3.0
V
IOH = –10 µA, TA = 0°C to 60°C
(VC1–VC2), (VC2–VC3), (VC3–VC4) or
0.1
V
(VC4–GND) = 4 V, IOL = 0 µA
OUT short circuit
OUT = 0 V, (VC1–VC2), (VC2–VC3), (VC3–VC4) or
IOUT(SHORT)
4
mA
current
(VC4–GND) > VPROTECT, VDD = 18 V
tr(OUT)
(1)
OUT output rise time
CL = 1 nF, VDD = 4 V to 25 V, VOH(OUT) = 0 V to 5 V
5
µs
ZO(OUT)
(1)
OUT output impedance
2
k
Ω
(1)
Specified by design. Not 100% tested in production.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq29440 bq2944L0 bq29441 bq29442 bq29443 bq29449 bq2944L9


Similar Part No. - BQ29443

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29443 TI1-BQ29443 Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ29443DRBR TI1-BQ29443DRBR Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ29443DRBT TI1-BQ29443DRBT Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
More results

Similar Description - BQ29443

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com