Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29443 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29443
Description  Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29443 Datasheet(HTML) 5 Page - Texas Instruments

  BQ29443 Datasheet HTML 1Page - Texas Instruments BQ29443 Datasheet HTML 2Page - Texas Instruments BQ29443 Datasheet HTML 3Page - Texas Instruments BQ29443 Datasheet HTML 4Page - Texas Instruments BQ29443 Datasheet HTML 5Page - Texas Instruments BQ29443 Datasheet HTML 6Page - Texas Instruments BQ29443 Datasheet HTML 7Page - Texas Instruments BQ29443 Datasheet HTML 8Page - Texas Instruments BQ29443 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Temperature (°C)
I
CD CHARGE CURRENT
vs
TEMPERATURE
-40
-20
0
20
40
60
80
100
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
G001
Temperature (°C)
I
CD DISCHARGE CURRENT
vs
TEMPERATURE
40
45
50
55
60
65
70
75
80
-40
-20
0
20
40
60
80
100
G002
1
2
3
4
8
7
6
5
VC1
VC2
VC3
GND
OUT
VDD
CD
VC4
I
CC
I
IN
I
IN
I
IN
I
IN
bq29440, bq2944L0
bq29441, bq29442, bq29443, bq29449, bq2944L9
www.ti.com
SLUSA15C – JUNE 2010 – REVISED NOVEMBER 2010
ELECTRICAL CHARACTERISTICS (continued)
Typical values stated where TA = 25°C and VDD = 17 V, MIN/MAX values stated where TA = –40°C to 110°C and VDD = 4 V
to 25 V (unless otherwise noted).
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
Measured at VC1, (VC1–VC2), (VC2–VC3), (VC3–VC4) and
(VC4–GND) = 3.5 V, TA = 0°C to 60°C
–0.3
1.5
µA
See Figure 3.
Input current at VCx
IIN
pins
Measured at VC2, VC3 OR VC4, (VC1–VC2), (VC2–VC3),
(VC3–VC4) and (VC4–GND) = 3.5 V, TA = 0°C to 60°C
–0.3
0.3
µA
See Figure 3.
TYPICAL CHARACTERISTICS
Figure 1. ICD Charge Current
Figure 2. ICD Discharge Current
Figure 3. ICC, IIN Measurement
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq29440 bq2944L0 bq29441 bq29442 bq29443 bq29449 bq2944L9


Similar Part No. - BQ29443

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29443 TI1-BQ29443 Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ29443DRBR TI1-BQ29443DRBR Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ29443DRBT TI1-BQ29443DRBT Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
More results

Similar Description - BQ29443

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com