Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMG8601UFG-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG8601UFG-7
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG8601UFG-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG8601UFG-7 Datasheet HTML 1Page - Diodes Incorporated DMG8601UFG-7 Datasheet HTML 2Page - Diodes Incorporated DMG8601UFG-7 Datasheet HTML 3Page - Diodes Incorporated DMG8601UFG-7 Datasheet HTML 4Page - Diodes Incorporated DMG8601UFG-7 Datasheet HTML 5Page - Diodes Incorporated DMG8601UFG-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMG8601UFG
Document number: DS31788 Rev. 4 - 2
2 of 6
www.diodes.com
October 2009
© Diodes Incorporated
DMG8601UFG
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
-
-
1.0
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±10
μA
VGS = ±10V, VDS = 0V
Gate-Source Breakdown Voltage
BVSGS
±12
-
-
V
VDS = 0V, IG = ±250μA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(th)
0.35
-
0.95
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
-
-
17
20
25
23
27
34
VGS = 4.5V, ID = 6.5A
VGS = 2.5V, ID = 5.5A
VGS = 1.8V, ID = 3.5A
Forward Transfer Admittance
|Yfs|
-
10
-
S
VDS = 10V, ID = 5A
Diode Forward Voltage
VSD
-
0.7
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
-
143
-
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
74
-
pF
Reverse Transfer Capacitance
Crss
-
29
-
pF
Gate Resistance
Rg
-
202
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
-
8.8
-
nC
VGS = 4.5V, VDS = 10V,
ID = 6.5A
Gate-Source Charge
Qgs
-
1.4
-
nC
Gate-Drain Charge
Qgd
-
3.0
-
nC
Turn-On Delay Time
tD(on)
-
53
-
ns
VDD = 10V, VGS = 4.5V,
RL = 10Ω, RG = 6Ω
Turn-On Rise Time
tr
-
78
-
ns
Turn-Off Delay Time
tD(off)
-
562
-
ns
Turn-Off Fall Time
tf
-
234
-
ns
Notes:
4. Short duration pulse test used to minimize self-heating effect.
0
4
8
12
16
20
24
28
32
36
40
0
0.5
1.0
1.5
2.0
2.5
3.0
Fig. 1 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= 2.0V
GS
V
= 3.0V
GS
V
= 4.5V
GS
V
= 8.0V
GS
V
= 2.5V
GS
0
5
10
15
20
25
30
0
0.5
1.0
1.5
2.0
2.5
3.0
Fig. 2 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5V
DS


Similar Part No. - DMG8601UFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG8601UFG DIODES-DMG8601UFG_15 Datasheet
163Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG8601UFG-7

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com