Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2010B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # U2010B
Description  Programmable Load-current Limitation with Over- and High-load Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2010B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button U2010B Datasheet HTML 5Page - ATMEL Corporation U2010B Datasheet HTML 6Page - ATMEL Corporation U2010B Datasheet HTML 7Page - ATMEL Corporation U2010B Datasheet HTML 8Page - ATMEL Corporation U2010B Datasheet HTML 9Page - ATMEL Corporation U2010B Datasheet HTML 10Page - ATMEL Corporation U2010B Datasheet HTML 11Page - ATMEL Corporation U2010B Datasheet HTML 12Page - ATMEL Corporation U2010B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
4766C–INDCO–04/10
U2010B
Load-current Detection, R1 = R2 = 3 kΩ, V15 = 0, V5 = V6 = V8, see Figure 7-7 on page 12
Transfer gain
I5/150 mV, I6/150 mV
GI
0.28
0.32
0.37
µA/mV
Output offset currents
5, 6 , 7, 8
-I0
03
6
µA
Reference voltage
I1, I2 = 100 µA
1, 2
-VRef
300
400
mV
Shunt voltage amplitude
See Figure 1-2 on page 2
±V(R6)
250
mV
Load-current Limitation
6, 7, 8
High load switching
Threshold VT70
Figure 7-9 on page 12
V
T70
44.35
4.7
V
Overload switching
Threshold V
T100
Figure 7-10 on page 13
Figure 7-11 on page 13
V
T100
5.8
6.2
6.6
V
Restart switching
Threshold VT25
Figure 7-8 on page 12
V
T25
1.25
1.55
1.85
V
Input current
Enquiry mode
I
i
1µA
Output impedance
Switching mode
R
0
24
8
k
Ω
Programming Input, see Figure 1-2 on page 2
9
Input voltage - auto-start
9 open
-V
9
3.8
4.3
4.7
V
Input current
V
9 = 0 (amax)
V
9 = V8 (Imax)
-I
9
I
9
5
5
10
10
20
20
µA
µA
High Load Output, V
T70, see Figure 7-9 on page 12, I12 = -3mA
11, 12
Saturation voltages
V
6-8 ≤VT70
V6-8 ≥ VT70
V
sat
Vlim
0.5
7.0
0.75
7.4
1.0
7.8
V
V
Overload Output, VT100, V9 = Open or V9 = V10, see Figure 7-10 on page 13
Leakage current
V6-8 ≤VT25, V13 = (V11+1)V
13
Ilkg
0.5
µA
Saturation voltages
V6-8 ≥ VT100, I13 = 10 µA
11, 12, 13
Vsat
0.1
V
Output current, maximum load
V9 = V8,
see Figure 7-10 on page 13
13
I13
1mA
Leakage current
V
6 ≤VT100
13
I
lkg
4µA
Output impedance
Open collector, V
6 ≥ VT100
13
R
0
24
8
k
Ω
Saturation voltage
V
6-8 ≥ VT100, I13 = 10 µA
13
V
13-8
100
mV
6.
Electrical Characteristics (Continued)
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit


Similar Part No. - U2010B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
   Phase Control Circuit for Current Feedback
logo
List of Unclassifed Man...
U2010B ETC1-U2010B Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
ATMEL Corporation
U2010B ATMEL-U2010B Datasheet
394Kb / 18P
   Phase-control IC with Current Feedback and Overload Protection
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
   Phase Control Circuit for Current Feedback
logo
ATMEL Corporation
U2010B-MFP ATMEL-U2010B-MFP Datasheet
331Kb / 18P
   Phase-control IC with Current Feedback and Overload Protection
More results

Similar Description - U2010B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EV-VN7004CLH STMICROELECTRONICS-EV-VN7004CLH Datasheet
300Kb / 8P
   Load current limitation
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
   input surge current, over voltage, over load, and over current protections
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
   Over Load and Over Voltage protection
logo
ON Semiconductor
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
   Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
logo
Fairchild Semiconductor
FPF2700 FAIRCHILD-FPF2700 Datasheet
1Mb / 19P
   Adjustable Over-Current Protection Load Switches
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
logo
ON Semiconductor
FPF2700 ONSEMI-FPF2700 Datasheet
1Mb / 21P
   Adjustable Over-Current Protection Load Switches
December 2013 Rev. 1.0.3
logo
Texas Instruments
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
logo
Alpha & Omega Semicondu...
AOZ1360 AOSMD-AOZ1360_12 Datasheet
1Mb / 15P
   28V Programmable Current-Limited Load Switch
AOZ1360 AOSMD-AOZ1360 Datasheet
938Kb / 12P
   28V Programmable Current-Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com