Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMG8880LSS-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMG8880LSS-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG8880LSS-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMG8880LSS-13 Datasheet HTML 1Page - Diodes Incorporated DMG8880LSS-13 Datasheet HTML 2Page - Diodes Incorporated DMG8880LSS-13 Datasheet HTML 3Page - Diodes Incorporated DMG8880LSS-13 Datasheet HTML 4Page - Diodes Incorporated DMG8880LSS-13 Datasheet HTML 5Page - Diodes Incorporated DMG8880LSS-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMG8880LSS
Document number: DS31948 Rev. 4 - 2
3 of 6
www.diodes.com
January 2011
© Diodes Incorporated
DMG8880LSS
0
10
20
30
40
50
0
0.5
1
1.5
2
Fig. 1 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 3.2V
GS
V
= 3.5V
GS
V
= 4.5V
GS
V
= 2.2V
GS
V
= 8.0V
GS
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
Fig. 2 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5V
DS
0
0.005
0.01
0.015
0.02
010
20
30
40
50
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
I , DRAIN-SOURCE CURRENT (A)
D
V
= 4.5V
GS
V
= 8.0V
GS
0
0.01
0.02
0.03
0
5
10
15
20
25
30
I , DRAIN CURRENT (A)
D
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Fig. 5 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= 4.5V
I = 10A
GS
D
V
= 10V
I = 20A
GS
D
0
0.005
0.01
0.015
0.02
0.025
Fig. 6 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= 10V
I = 20A
GS
D
V
= 4.5V
I = 10A
GS
D


Similar Part No. - DMG8880LSS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG8880LK3 DIODES-DMG8880LK3 Datasheet
231Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DS32052 Rev. 3 - 2
logo
Inchange Semiconductor ...
DMG8880LK3 ISC-DMG8880LK3 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMG8880LK3-13 DIODES-DMG8880LK3-13 Datasheet
231Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DS32052 Rev. 3 - 2
DMG8880LK3 DIODES-DMG8880LK3_15 Datasheet
231Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG8880LSS-13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com