Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28066 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28066
Description  Piccolo Microcontrollers
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28066 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320F28066 Datasheet HTML 4Page - Texas Instruments TMS320F28066 Datasheet HTML 5Page - Texas Instruments TMS320F28066 Datasheet HTML 6Page - Texas Instruments TMS320F28066 Datasheet HTML 7Page - Texas Instruments TMS320F28066 Datasheet HTML 8Page - Texas Instruments TMS320F28066 Datasheet HTML 9Page - Texas Instruments TMS320F28066 Datasheet HTML 10Page - Texas Instruments TMS320F28066 Datasheet HTML 11Page - Texas Instruments TMS320F28066 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 159 page
background image
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698A – NOVEMBER 2010 – REVISED JANUARY 2011
www.ti.com
Table 3-1. Hardware Features
28069
28068
28067
28066
28065
28064
28063
28062
FEATURE
TYPE
(1)
(80 MHz)
(80 MHz)
(80 MHz)
(80 MHz)
(80 MHz)
(80 MHz)
(80 MHz)
(80 MHz)
100-Pin
80-Pin
100-Pin
80-Pin
100-Pin
80-Pin
100-Pin
80-Pin
100-Pin
80-Pin
100-Pin
80-Pin
100-Pin
80-Pin
100-Pin
80-Pin
Package Type
PZ/PZP
PN/PFP
PZ/PZP
PN/PFP
PZ/PZP
PN/PFP
PZ/PZP
PN/PFP
PZ/PZP
PN/PFP
PZ/PZP
PN/PFP
PZ/PZP
PN/PFP
PZ/PZP
PN/PFP
LQFP
LQFP
LQFP
LQFP
LQFP
LQFP
LQFP
LQFP
LQFP
LQFP
LQFP
LQFP
LQFP
LQFP
LQFP
LQFP
Instruction cycle
12.5 ns
12.5 ns
12.5 ns
12.5 ns
12.5 ns
12.5 ns
12.5 ns
12.5 ns
Floating-Point Unit (FPU)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Viterbi, Complex Math, CRC Unit (VCU)
Yes
Yes
No
No
Yes
Yes
No
No
Control Law Accelerator (CLA)
0
Yes
No
No
No
Yes
No
No
No
6-Channel DMA
0
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
On-chip Flash (16-bit word)
128K
128K
128K
128K
64K
64K
64K
64K
On-chip SARAM (16-bit word)
50K
50K
50K
34K
50K
50K
34K
26K
Code security for on-chip
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
flash/SARAM/OTP blocks
Boot ROM (32K x 16)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
One-time programmable (OTP) ROM
1K
1K
1K
1K
1K
1K
1K
1K
(16-bit word)
ePWM outputs
1
19
15
19
15
19
15
19
15
19
15
19
15
19
15
19
15
High-resolution ePWM Channels
1
8
6
8
6
8
6
8
6
8
6
8
6
8
6
8
6
eCAP inputs
0
3
3
3
3
3
3
3
3
High-resolution capture modules
0
4
4
4
4
4
4
4
4
(HRCAP)
eQEP modules
0
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
Watchdog timer
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
MSPS
3
3
3
3
3
3
3
3
Conversion Time
325 ns
325 ns
325 ns
325 ns
325 ns
325 ns
325 ns
325 ns
12-Bit ADC
Channels
3
16
12
16
12
16
12
16
12
16
12
16
12
16
12
16
12
Temperature Sensor
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Dual Sample-and-Hold
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
32-Bit CPU timers
3
3
3
3
3
3
3
3
Comparators with Integrated DACs
0
3
3
3
3
3
3
3
3
Inter-integrated circuit (I2C)
0
1
1
1
1
1
1
1
1
Multi-Channel Buffered Serial Port
1
1
1
1
1
1
1
1
1
(McBSP)
Enhanced Controller Area Network
0
1
1
1
1
1
1
1
1
(eCAN)
Serial Peripheral Interface (SPI)
1
2
2
2
2
2
2
2
2
Serial Communications Interface (SCI)
0
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the
basic functionality of the module. These device-specific differences are listed in the TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) and in the
peripheral reference guides.
8
Device Overview
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062


Similar Part No. - TMS320F28066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28066 TI1-TMS320F28066 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28066 TI-TMS320F28066 Datasheet
1Mb / 174P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28066 TI1-TMS320F28066 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28066 TI1-TMS320F28066 Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
TMS320F28066 TI1-TMS320F28066 Datasheet
2Mb / 177P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com