Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE170A Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 1.5KE170A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1.5KE170A Datasheet(HTML) 2 Page - Pan Jit International Inc.

  1.5KE170A Datasheet HTML 1Page - Pan Jit International Inc. 1.5KE170A Datasheet HTML 2Page - Pan Jit International Inc. 1.5KE170A Datasheet HTML 3Page - Pan Jit International Inc. 1.5KE170A Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-SEP.03.2008
1.5KE SERIES
r
e
b
m
u
N
t
r
a
P
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@ T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
IT
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
µµµµµ A
µµµµµ A
V
A
-
I
N
U
-
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
5
1
8
.
6
E
K
5
.
1
C
8
.
6
E
K
5
.
1
5
.
5
2
1
.
6
8
4
.
7
0
1
0
0
0
1
0
0
0
2
8
.
0
1
9
3
1
8
.
6
E
K
5
.
1
C
8
.
6
E
K
5
.
1
A
8
.
6
E
K
5
.
1
A
C
8
.
6
E
K
5
.
1
8
.
5
5
4
.
6
4
1
.
7
0
1
0
0
0
1
0
0
0
2
5
.
0
1
3
4
1
A
8
.
6
E
K
5
.
1
A
C
8
.
6
E
K
5
.
1
5
.
7
E
K
5
.
1
C
5
.
7
E
K
5
.
1
5
0
.
6
5
7
.
6
5
2
.
8
0
1
0
0
5
0
0
0
1
7
.
1
1
8
2
1
5
.
7
E
K
5
.
1
C
5
.
7
E
K
5
.
1
A
5
.
7
E
K
5
.
1
A
C
5
.
7
E
K
5
.
1
4
.
6
3
1
.
7
8
8
.
7
0
1
0
0
5
0
0
0
1
3
.
1
1
2
3
1
A
5
.
7
E
K
5
.
1
A
C
5
.
7
E
K
5
.
1
2
.
8
E
K
5
.
1
C
2
.
8
E
K
5
.
1
3
6
.
6
8
3
.
7
2
0
.
9
0
1
0
0
2
0
0
4
5
.
2
1
0
2
1
2
.
8
E
K
5
.
1
C
2
.
8
E
K
5
.
1
A
2
.
8
E
K
5
.
1
A
C
2
.
8
E
K
5
.
1
2
0
.
7
9
7
.
7
1
6
.
8
0
1
0
0
2
0
0
4
1
.
2
1
4
2
1
A
2
.
8
E
K
5
.
1
A
C
2
.
8
E
K
5
.
1
1
.
9
E
K
5
.
1
C
1
.
9
E
K
5
.
1
7
3
.
7
9
1
.
8
0
1
1
0
5
0
0
1
8
.
3
1
9
0
1
1
.
9
E
K
5
.
1
C
1
.
9
E
K
5
.
1
A
1
.
9
E
K
5
.
1
A
C
1
.
9
E
K
5
.
1
8
7
.
7
5
6
.
8
5
.
9
1
0
5
0
0
1
4
.
3
1
2
1
1
A
1
.
9
E
K
5
.
1
A
C
1
.
9
E
K
5
.
1
0
1
E
K
5
.
1
C
0
1
E
K
5
.
1
1
.
8
9
1
1
1
0
1
0
2
5
1
0
0
1
0
1
E
K
5
.
1
C
0
1
E
K
5
.
1
A
0
1
E
K
5
.
1
A
C
0
1
E
K
5
.
1
5
5
.
8
5
.
9
5
.
0
1
1
0
1
0
2
5
.
4
1
3
0
1
A
0
1
E
K
5
.
1
A
C
0
1
E
K
5
.
1
1
1
E
K
5
.
1
C
1
1
E
K
5
.
1
2
9
.
8
9
.
9
1
.
2
1
1
5
0
1
2
.
6
1
3
9
1
1
E
K
5
.
1
C
1
1
E
K
5
.
1
A
1
1
E
K
5
.
1
A
C
1
1
E
K
5
.
1
4
.
9
5
.
0
1
6
.
1
1
1
5
0
1
6
.
5
1
6
9
A
1
1
E
K
5
.
1
A
C
1
1
E
K
5
.
1
2
1
E
K
5
.
1
C
2
1
E
K
5
.
1
2
7
.
9
8
.
0
1
2
.
3
1
1
5
5
3
.
7
1
7
8
2
1
E
K
5
.
1
C
2
1
E
K
5
.
1
A
2
1
E
K
5
.
1
A
C
2
1
E
K
5
.
1
2
.
0
1
4
.
1
1
6
.
2
1
1
5
5
7
.
6
1
0
9
A
2
1
E
K
5
.
1
A
C
2
1
E
K
5
.
1
3
1
E
K
5
.
1
C
3
1
E
K
5
.
1
5
.
0
1
7
.
1
1
3
.
4
1
1
1
1
9
1
9
7
3
1
E
K
5
.
1
C
3
1
E
K
5
.
1
A
3
1
E
K
5
.
1
A
C
3
1
E
K
5
.
1
1
.
1
1
4
.
2
1
7
.
3
1
1
1
1
2
.
8
1
2
8
A
3
1
E
K
5
.
1
A
C
3
1
E
K
5
.
1
5
1
E
K
5
.
1
C
5
1
E
K
5
.
1
1
.
2
1
5
.
3
1
5
.
6
1
1
1
1
2
2
8
6
5
1
E
K
5
.
1
C
5
1
E
K
5
.
1
A
5
1
E
K
5
.
1
A
C
5
1
E
K
5
.
1
8
.
2
1
3
.
4
1
8
.
5
1
1
1
1
2
.
1
2
1
7
A
5
1
E
K
5
.
1
A
C
5
1
E
K
5
.
1
6
1
E
K
5
.
1
C
6
1
E
K
5
.
1
9
.
2
1
4
.
4
1
6
.
7
1
1
1
1
5
.
3
2
4
6
6
1
E
K
5
.
1
C
6
1
E
K
5
.
1
A
6
1
E
K
5
.
1
A
C
6
1
E
K
5
.
1
6
.
3
1
2
.
5
1
8
.
6
1
1
1
1
5
.
2
2
7
6
A
6
1
E
K
5
.
1
A
C
6
1
E
K
5
.
1
8
1
E
K
5
.
1
C
8
1
E
K
5
.
1
5
.
4
1
2
.
6
1
8
.
9
1
1
1
1
5
.
6
2
5
.
6
5
8
1
E
K
5
.
1
C
8
1
E
K
5
.
1
A
8
1
E
K
5
.
1
A
C
8
1
E
K
5
.
1
3
.
5
1
1
.
7
1
9
.
8
1
1
1
1
2
.
5
2
5
.
9
5
A
8
1
E
K
5
.
1
A
C
8
1
E
K
5
.
1
0
2
E
K
5
.
1
C
0
2
E
K
5
.
1
2
.
6
1
8
1
2
2
1
1
1
1
.
9
2
5
.
1
5
0
2
E
K
5
.
1
C
0
2
E
K
5
.
1
A
0
2
E
K
5
.
1
A
C
0
2
E
K
5
.
1
1
.
7
1
9
1
1
2
1
1
1
7
.
7
2
4
5
A
0
2
E
K
5
.
1
A
C
0
2
E
K
5
.
1
2
2
E
K
5
.
1
C
2
2
E
K
5
.
1
8
.
7
1
8
.
9
1
2
.
4
2
1
1
1
9
.
1
3
7
4
2
2
E
K
5
.
1
C
2
2
E
K
5
.
1
A
2
2
E
K
5
.
1
A
C
2
2
E
K
5
.
1
8
.
8
1
9
.
0
2
1
.
3
2
1
1
1
6
.
0
3
9
4
A
2
2
E
K
5
.
1
A
C
2
2
E
K
5
.
1
4
2
E
K
5
.
1
C
4
2
E
K
5
.
1
4
.
9
1
6
.
1
2
4
.
6
2
1
1
1
7
.
4
3
3
4
4
2
E
K
5
.
1
C
4
2
E
K
5
.
1
A
4
2
E
K
5
.
1
A
C
4
2
E
K
5
.
1
5
.
0
2
8
.
2
2
2
.
5
2
1
1
1
2
.
3
3
5
4
A
4
2
E
K
5
.
1
A
C
4
2
E
K
5
.
1
7
2
E
K
5
.
1
C
7
2
E
K
5
.
1
8
.
1
2
3
.
4
2
7
.
9
2
1
1
1
1
.
9
3
5
.
8
3
7
2
E
K
5
.
1
C
7
2
E
K
5
.
1
A
7
2
E
K
5
.
1
A
C
7
2
E
K
5
.
1
1
.
3
2
7
.
5
2
4
.
8
2
1
1
1
5
.
7
3
0
4
A
7
2
E
K
5
.
1
A
C
7
2
E
K
5
.
1
0
3
E
K
5
.
1
C
0
3
E
K
5
.
1
3
.
4
2
7
2
3
3
1
1
1
5
.
3
4
5
.
4
3
0
3
E
K
5
.
1
C
0
3
E
K
5
.
1
A
0
3
E
K
5
.
1
A
C
0
3
E
K
5
.
1
6
.
5
2
5
.
8
2
5
.
1
3
1
1
1
4
.
1
4
6
3
A
0
3
E
K
5
.
1
A
C
0
3
E
K
5
.
1
3
3
E
K
5
.
1
C
3
3
E
K
5
.
1
8
.
6
2
7
.
9
2
3
.
6
3
1
1
1
7
.
7
4
5
.
1
3
3
3
E
K
5
.
1
C
3
3
E
K
5
.
1
A
3
3
E
K
5
.
1
A
C
3
3
E
K
5
.
1
2
.
8
2
4
.
1
3
7
.
4
3
1
1
1
7
.
5
4
3
3
A
3
3
E
K
5
.
1
A
C
3
3
E
K
5
.
1
6
3
E
K
5
.
1
C
6
3
E
K
5
.
1
1
.
9
2
4
.
2
3
6
.
9
3
1
1
1
2
5
9
2
6
3
E
K
5
.
1
C
6
3
E
K
5
.
1
A
6
3
E
K
5
.
1
A
C
6
3
E
K
5
.
1
8
.
0
3
2
.
4
3
8
.
7
3
1
1
1
9
.
9
4
0
3
A
6
3
E
K
5
.
1
A
C
6
3
E
K
5
.
1
9
3
E
K
5
.
1
C
9
3
E
K
5
.
1
6
.
1
3
1
.
5
3
9
.
2
4
1
1
1
4
.
6
5
5
.
6
2
9
3
E
K
5
.
1
C
9
3
E
K
5
.
1
A
9
3
E
K
5
.
1
A
C
9
3
E
K
5
.
1
3
.
3
3
1
.
7
3
1
4
1
1
1
9
.
3
5
8
2
A
9
3
E
K
5
.
1
A
C
9
3
E
K
5
.
1
3
4
E
K
5
.
1
C
3
4
E
K
5
.
1
8
.
4
3
7
.
8
3
3
.
7
4
1
1
1
9
.
1
6
4
2
3
4
E
K
5
.
1
C
3
4
E
K
5
.
1
A
3
4
E
K
5
.
1
A
C
3
4
E
K
5
.
1
8
.
6
3
9
.
0
4
2
.
5
4
1
1
1
3
.
9
5
3
.
5
2
A
3
4
E
K
5
.
1
A
C
3
4
E
K
5
.
1
7
4
E
K
5
.
1
C
7
4
E
K
5
.
1
1
.
8
3
3
.
2
4
7
.
1
5
1
1
1
8
.
7
6
2
.
2
2
7
4
E
K
5
.
1
C
7
4
E
K
5
.
1
A
7
4
E
K
5
.
1
A
C
7
4
E
K
5
.
1
2
.
0
4
7
.
4
4
4
.
9
4
1
1
1
8
.
4
6
2
.
3
2
A
7
4
E
K
5
.
1
A
C
7
4
E
K
5
.
1
1
5
E
K
5
.
1
C
1
5
E
K
5
.
1
3
.
1
4
9
.
5
4
1
.
6
5
1
1
1
5
.
3
7
4
.
0
2
1
5
E
K
5
.
1
C
1
5
E
K
5
.
1


Similar Part No. - 1.5KE170A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE170A TRSYS-1.5KE170A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE170A LUGUANG-1.5KE170A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Galaxy Semi-Conductor H...
1.5KE170A BILIN-1.5KE170A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE170A DAESAN-1.5KE170A Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
1.5KE170A DIODES-1.5KE170A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE170A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
5KP_SERIES PANJIT-5KP_SERIES_14 Datasheet
142Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5SMC PANJIT-1.5SMC_09 Datasheet
143Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
5KP PANJIT-5KP_08 Datasheet
108Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
P6KE_SERIES PANJIT-P6KE_SERIES_14 Datasheet
243Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
SA5.0_SERIES PANJIT-SA5.0_SERIES_14 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
P4KE_SERIES PANJIT-P4KE_SERIES_14 Datasheet
194Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
DB Lectro Inc
1.5SMC DBLECTRO-1.5SMC Datasheet
208Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 91 Volts 1500 Watts Peak Power
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com