Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4752A Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 1N4752A
Description  SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4752A Datasheet(HTML) 2 Page - Pan Jit International Inc.

  1N4752A Datasheet HTML 1Page - Pan Jit International Inc. 1N4752A Datasheet HTML 2Page - Pan Jit International Inc. 1N4752A Datasheet HTML 3Page - Pan Jit International Inc. 1N4752A Datasheet HTML 4Page - Pan Jit International Inc. 1N4752A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-JUN.15.2009
2
1N4736A~1N4757A
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
m
u
m
i
x
a
M
m
u
m
i
x
a
Mt
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
C
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
A
u
V
1
4
-
O
D
R
E
N
E
Z
t
t
a
W
0
.
1
A
6
3
7
4
N
1
8
.
6
6
4
.
6
4
1
.
7
5
.
3
7
3
0
0
7
1
5
4
A
6
3
7
4
N
1
A
7
3
7
4
N
1
5
.
7
3
1
.
7
8
8
.
7
4
4
3
0
0
7
5
.
0
5
5
A
7
3
7
4
N
1
A
8
3
7
4
N
1
2
.
8
9
7
.
7
1
6
.
8
5
.
4
1
3
0
0
7
5
.
0
5
6
A
8
3
7
4
N
1
A
9
3
7
4
N
1
1
.
9
5
6
.
8
6
5
.
9
5
8
2
0
0
7
5
.
0
5
.
0
7
A
9
3
7
4
N
1
A
0
4
7
4
N
1
0
1
5
.
9
5
.
0
1
7
5
2
0
0
7
5
2
.
0
5
.
0
6
.
7
A
0
4
7
4
N
1
A
1
4
7
4
N
1
1
1
5
4
.
0
1
5
5
.
1
1
8
3
2
0
0
7
5
2
.
0
1
.
0
4
.
8
A
1
4
7
4
N
1
A
2
4
7
4
N
1
2
1
4
.
1
1
6
.
2
1
9
1
2
0
0
7
5
2
.
0
1
.
0
1
.
9
A
2
4
7
4
N
1
A
3
4
7
4
N
1
3
1
5
3
.
2
1
5
6
.
3
1
0
1
9
1
0
0
7
5
2
.
0
1
.
0
9
.
9
A
3
4
7
4
N
1
A
4
4
7
4
N
1
5
1
5
2
.
4
1
5
7
.
5
1
4
1
7
1
0
0
7
5
2
.
0
1
.
0
4
.
1
1
A
4
4
7
4
N
1
A
5
4
7
4
N
1
6
1
2
.
5
1
8
.
6
1
6
1
5
.
5
1
0
0
7
5
2
.
0
1
.
0
2
.
2
1
A
5
4
7
4
N
1
A
6
4
7
4
N
1
8
1
1
.
7
1
9
.
8
1
0
2
4
1
0
5
7
5
2
.
0
1
.
0
7
.
3
1
A
6
4
7
4
N
1
A
7
4
7
4
N
1
0
2
9
1
1
2
2
2
5
.
2
1
0
5
7
5
2
.
0
1
.
0
2
.
5
1
A
7
4
7
4
N
1
A
8
4
7
4
N
1
2
2
9
.
0
2
1
.
3
2
3
2
5
.
1
1
0
5
7
5
2
.
0
1
.
0
7
.
6
1
A
8
4
7
4
N
1
A
9
4
7
4
N
1
4
2
8
.
2
2
2
.
5
2
5
2
5
.
0
1
0
5
7
5
2
.
0
1
.
0
2
.
8
1
A
9
4
7
4
N
1
A
0
5
7
4
N
1
7
2
5
6
.
5
2
5
3
.
8
2
5
3
5
.
9
0
5
7
5
2
.
0
1
.
0
6
.
0
2
A
0
5
7
4
N
1
A
1
5
7
4
N
1
0
3
5
.
8
2
5
.
1
3
0
4
5
.
8
0
0
0
1
5
2
.
0
1
.
0
8
.
2
2
A
1
5
7
4
N
1
A
2
5
7
4
N
1
3
3
5
3
.
1
3
5
6
.
4
3
5
4
5
.
7
0
0
0
1
5
2
.
0
1
.
0
1
.
5
2
A
2
5
7
4
N
1
A
3
5
7
4
N
1
6
3
2
.
4
3
8
.
7
3
0
5
7
0
0
0
1
5
2
.
0
1
.
0
4
.
7
2
A
3
5
7
4
N
1
A
4
5
7
4
N
1
9
3
5
0
.
7
3
5
9
.
0
4
0
6
5
.
6
0
0
0
1
5
2
.
0
1
.
0
7
.
9
2
A
4
5
7
4
N
1
A
5
5
7
4
N
1
3
4
5
8
.
0
4
5
1
.
5
4
0
7
6
0
0
5
1
5
2
.
0
1
.
0
7
.
2
3
A
5
5
7
4
N
1
A
6
5
7
4
N
1
7
4
5
6
.
4
4
5
3
.
9
4
0
8
5
.
5
0
0
5
1
5
2
.
0
1
.
0
8
.
5
3
A
6
5
7
4
N
1
A
7
5
7
4
N
1
1
5
5
4
.
8
4
5
5
.
3
5
5
9
5
0
0
5
1
5
2
.
0
1
.
0
8
.
8
3
A
7
5
7
4
N
1


Similar Part No. - 1N4752A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4752A VISHAY-1N4752A Datasheet
117Kb / 5P
   Zener Diodes
Rev. 1.8, 22-Feb-06
logo
Tak Cheong Electronics ...
1N4752A TAK_CHEONG-1N4752A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
logo
Vishay Siliconix
1N4752A VISHAY-1N4752A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
666Kb / 4P
   Zener Diodes
logo
Diotech Company.
1N4752A DIOTECH-1N4752A Datasheet
946Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results

Similar Description - 1N4752A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4833 NJSEMI-1N4833 Datasheet
76Kb / 1P
   SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
1N4954 EIC-1N4954 Datasheet
131Kb / 2P
   SILICON ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
M/A-COM Technology Solu...
1N957BUR-1 MA-COM-1N957BUR-1 Datasheet
709Kb / 5P
   Silicon Zener Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com