Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5354B Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 1N5354B
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5354B Datasheet(HTML) 3 Page - Pan Jit International Inc.

  1N5354B Datasheet HTML 1Page - Pan Jit International Inc. 1N5354B Datasheet HTML 2Page - Pan Jit International Inc. 1N5354B Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
STAD-FEB.10.2009
1
1N5342B~1N5369B
0
5
10
20
30
50
100
200
300
20
40
60
80
100
RANGE
Vz,ZENER VOLTAGE@Iz (VOLTS)
T
0
2
4
6
8
T , LEAD TEMPERATURE (
OC)
L
Fig.1 Power temperature Derating Curve
RATING A ND CHARACTERISTIC CURVES
1
0.1
0.2
0.5
1
2
5
10
20
30
10
100
1000
Vz=3.3V
Vz=51V
PW, PULSE WIDTH (ms)
T=25 C
O
10
Vz, ZENER VOLTAGE (VOLTS)
0.1
1
10
100
1000
20
30
40
50
Fig.3 Peak Surge Current versus Pulse Width
Fig.4 Zener Voltage versus Zener Current
Vz=11 thru 39 Volts
Fig.2 Temperature Coefficient-Range
forUnits11to39Volts
030
60
90
120
150


Similar Part No. - 1N5354B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5354B MOTOROLA-1N5354B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Microsemi Corporation
1N5354B MICROSEMI-1N5354B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
ON Semiconductor
1N5354B ONSEMI-1N5354B Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
logo
Semikron International
1N5354B SEMIKRON-1N5354B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
1N5354B EIC-1N5354B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5354B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com